Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACTSTYLEHARDSEAT Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # COMPACTSTYLEHARDSEAT
Description  Compact Style Hard Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

COMPACTSTYLEHARDSEAT Datasheet(HTML) 2 Page - NOSHOK, INC.

  COMPACTSTYLEHARDSEAT Datasheet HTML 1Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT Datasheet HTML 2Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT Datasheet HTML 3Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
105
Series............................................................................................. 3-valve
Seat............................................................................................ Hard seat
Process type.....................................Compact style, differential pressure
Connection...................................................................1/2" NPT standard
Valve type...............Flange-female, Stainless Steel, Coplanar™ spacing
3 0 4 0 – MFS-CP
EXAMPLE
3040
3040 SERIES
To meet all of your specific application requirements, the following additional options are available for these manifold valves. To order all or any of these
options, simply add them to the part number as shown in the diagram below.
NOTE 1: The example shown includes ALL possible additional options. Please include ONLY the options required for your application when
building your part number. (EXAMPLE: 3040-MFS-P1)
NOTE 2: When a packing option is selected, an o-ring option is NOT available.
Series......................................................................... 3-valve
Seat........................................................................ Hard seat
Process type................ Compact style, differential pressure
Connection.............................................. 1/2" NPT standard
Valve type.............................Flange-female, Stainless Steel
Packing.........................................................................PTFE
Stem tip .............................................................Non-rotating
3 0 4 0 – MFS – P1 – T1
EXAMPLE with Additional Options
ORDERING
INFORMATION
ORDERING INFORMATION
SERIES
3 3-valve
SEATS
0 Hard seat
PROCESS TYPE
4 Compact style, differential pressure
CONNECTION
0 1/2" NPT standard
VALVE TYPES
MFS Flange-Female, Stainless Steel (MSS SP-99 spacing)
MFS-CP Flange-Female, Stainless Steel (Coplanar™ spacing)
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
* Other o-ring materials available on request.
ORDERING INFORMATION - ADDITIONAL OPTIONS
PACKINGS
P1 PTFE
P2 Graphite
STEM TIPS
T1 Non-rotating (316 Stainless)
T6 Ball (carbide)
T8 Ball (Monel)
T5 Ball (440C Stainless)
T7 Ball (ceramic)
T9 Non-rotating regulating (316 Stainless)
O-RINGS*
EM1 EPDM
KZ1 FFKM (Perfluoroelastomer)
NB1 NBR
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com