Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM3000C Datasheet(PDF) 39 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 39 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 33Page - Sanken electric SCM3000C Datasheet HTML 34Page - Sanken electric SCM3000C Datasheet HTML 35Page - Sanken electric SCM3000C Datasheet HTML 36Page - Sanken electric SCM3000C Datasheet HTML 37Page - Sanken electric SCM3000C Datasheet HTML 38Page - Sanken electric SCM3000C Datasheet HTML 39Page - Sanken electric SCM3000C Datasheet HTML 40Page - Sanken electric SCM3000C Datasheet HTML 41Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
39
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
VCC
W
U
FO
COM
LIN3
LIN2
LIN1
THRM
HIN3
HIN2
HIN1
VBB
V
OCP
LS3
LS2
VB1
C3
C19
4
6
7
8
9
10
11
5
4
5
6
1
2
3
LS1
VB3
VB2
C1
C2
19
18
17
16
14
13
12
2
3
1
R11
R12
R10
22
20
21
CN5
R6
R5
R4
R3
R2
R1
CN3
4
5
6
1
2
3
J5
4
1
2
3
CN4
J3
J6
J2
R7
R8
CN1
CN2
3
2
1
2
1
C7
C5
C6
R9
C18
C4
C10
C11
C12
C8
C13
C14
C15
C17
C16
15
NC
IPM1
Figure16-3.
Circuit Diagram of PCB Pattern Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com