Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM3000C Datasheet(PDF) 21 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 21 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 17Page - Sanken electric SCM3000C Datasheet HTML 18Page - Sanken electric SCM3000C Datasheet HTML 19Page - Sanken electric SCM3000C Datasheet HTML 20Page - Sanken electric SCM3000C Datasheet HTML 21Page - Sanken electric SCM3000C Datasheet HTML 22Page - Sanken electric SCM3000C Datasheet HTML 23Page - Sanken electric SCM3000C Datasheet HTML 24Page - Sanken electric SCM3000C Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
21
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Figure 12-12.
Delay Time, tD(FO) vs. Filter Capacitor, CFO
12.2.10.
THM
The
SCM3000C
series
incorporates
a
built-in
thermistor for case temperature detection. The THM pin
operates as the output of the thermistor voltage which
monitors the case temperature of the IC via the external
microcontroller.
The SCM3000C series does not have any protection
against overtemperature; therefore, the motor must be
externally controlled when a temperature rise occurs, or
be controlled with such protective measures.
Moreover, note that the THM pin output does not
provide the temperature followability, especially when a
rapid temperature rise in the output transistors occurs
during motor lock and short circuit conditions.
When connecting a thermistor, connect one end of it
to the THM pin, then internally connect the other end to
the COM pin. Figure 12-14 depicts a typical thermistor
resistance vs. temperature curve; Figure 12-15 plots a
typical performance curve of the THM pin.
The THM pin should be tied to the external power
supply, along with a pull-up resistor, RTHM, and a noise
filter capacitor, CTHM.
For proper IC operation, you application must be set
as follows: The external power supply voltage, VTHM,
should range from 3.0 V to 5.5 V. Use RTHM with a
resistance of ≥4.4 kΩ, and C
THM with a capacitance of
≥4.7 nF. Then, place C
THM as close as possible to the IC
with minimizing a trace length between the THM and
COM pins.
VTHM
CTHM
RTHM
U1
1
2
THM
COM
Figure 12-13.
Internal Circuit Diagram of THM Pin
and Its Peripheral Circuit
Figure 12-14.
Typical Thermistor Resistance vs.
Temperature Curve
Figure 12-15.
THM Pin Typical Performance Curve
12.3. Protection Functions
This section describes the various protection circuits
provided in the SCM3000C series. The protection
circuits include: the Undervoltage Lockout for power
supplies (UVLO), the Simultaneous On-state prevention,
and the Overcurrent Protection (OCP).
In case one or more of these protection circuits are
activated, the FO pin outputs a fault signal; as a result,
the external microcontroller can stop the operations of
the three phases by receiving the fault signal. In the
following functional descriptions, “HOx” denotes a gate
input signal on the high-side transistor, whereas “LOx”
denotes a gate input signal on the low-side transistor
(see also the diagram in Section 7).
12.3.1. Fault Signal Output
In case one or more of the following protections are
actuated, an internal transistor, QFO, turns on, then the
FO pin becomes logic low (≤0.5 V).
1) Low-side Undervoltage Lockout (UVLO_VCC)
2) Overcurrent Protection (OCP)
3) Simultaneous On-state Prevention
During the time when the FO pin holds the logic low
state, the high- and low-side transistors of all phases turn
off. In normal operation, the FO pin holds a logic high
state and outputs a 5 V signal. The fault signal output
time of the FO pin at OCP activation is the OCP hold
time (tP) of 30
μs (typ.), fixed by a built-in feature of the
IC
itself
(see
Section
12.3.3).
The
external
microcontroller receives the fault signals with its
interrupt pin (INT), and must be programmed to put the
HINx
and
LINx
pins
to
logic
low
within
the
predetermined OCP hold time, tP. If you need to resume
the motor operation, set the motor to be resumed after a
lapse of ≥2 seconds.
0
5
10
15
50
60
70
80
90
100
Case Temperature (
°C)
1.0
1.5
2.0
2.5
3.0
3.5
50
60
70
80
90
100
Case Temperature (
°C)
V
THM = 5 V
R
THM = 6.8 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com