Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM3000C Datasheet(PDF) 13 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 13 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 9Page - Sanken electric SCM3000C Datasheet HTML 10Page - Sanken electric SCM3000C Datasheet HTML 11Page - Sanken electric SCM3000C Datasheet HTML 12Page - Sanken electric SCM3000C Datasheet HTML 13Page - Sanken electric SCM3000C Datasheet HTML 14Page - Sanken electric SCM3000C Datasheet HTML 15Page - Sanken electric SCM3000C Datasheet HTML 16Page - Sanken electric SCM3000C Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
13
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
9.
Typical Applications
CR filters and Zener diodes should be added to your application as needed. This is to protect each pin against surge
voltages causing malfunctions, and to avoid the IC being used under the conditions exceeding the absolute maximum
ratings where critical damage is inevitable. Then, check all the pins thoroughly under actual operating conditions to
ensure that your application works flawlessly.
VCC
W
U
FO
COM
LIN3
LIN2
LIN1
THM
HIN3
HIN2
HIN1
VBB
V
OCP
LS3
LS2
VB1
CFO
5 V
RFO
CBOOT3
M
CDC
CS
VDC
4
6
7
8
9
10
11
5
HIN3
HIN2
HIN1
LIN3
LIN2
LIN1
Fault
GND
LS1
VCC
VB3
VB2
CBOOT1
CBOOT2
19
18
17
16
14
13
12
2
3
CTHM
5 V or 3.3 V
RTHM
Tem p.
1
MIC
RO1
CO1
RS2
RS3
RO2
RO3
CO2
CO3
RS1
22
20
21
Figure 9-1.
Typical Application Using Three Shunt Resistors
VCC
W
U
FO
COM
LIN3
LIN2
LIN1
THM
HIN3
HIN2
HIN1
VBB
V
OCP
LS3
LS2
VB1
CFO
5 V
RFO
RS
RO
CO
CBOOT3
M
CDC
CS
VDC
4
6
7
8
9
10
11
5
HIN3
HIN2
HIN1
LIN3
LIN2
LIN1
Fault
GND
LS1
VCC
VB3
VB2
CBOOT1
CBOOT2
22
20
21
19
18
17
16
14
13
12
2
3
CTHM
5 V or 3.3 V
RTHM
Tem p.
1
MIC
Figure 9-2.
Typical Application Using a Single Shunt Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com