Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BFR93A
Description  isc NPN Silicon RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFR93A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BFR93A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFR93A Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFR93A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISB3108
eq BFR93A
isc NPN Silicon RF Transistor
www.iscsemi.com
2023-10-10
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC=1mA; IB= 0A
12
--
--
V
ICBO
Collector Cutoff Current
VCB = 10V; IE= 0A
--
--
100
nA
hFE
DC Current Gain
IC= 30mA; VCE= 5V
40
--
--
--
fT
Transition Frequency
VCE= 5V, IC= 30mA,f=500MHZ
--
6.0
--
GHz
Cre
Feedback Capacitance
VCB= 5V, IE= 0mA, f= 1MHz
--
1.6
--
pF
|S21e|2
Insertion Power Gain
VCE= 10V, IC= 20mA, f= 1GHz
--
11.5
--
dB
NF
Minimum Noise Figure
VCE= 10V, IC= 7mA, f= 1GHz
--
1.3
--
dB
Package Dimensions
Product Disclaimer
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com