Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93A Datasheet (PDF) - Inchange Semiconductor Company Limited

BFR93A Datasheet PDF - Inchange Semiconductor Company Limited
Part # BFR93A
Download  BFR93A Download
File Size   272.05 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc NPN Silicon RF Transistor

BFR93A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR93A Datasheet PDF - Inchange Semiconductor Company Limited

Part # BFR93A
Download  BFR93A Click to download

File Size   272.05 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc NPN Silicon RF Transistor

BFR93A Datasheet (HTML) - Inchange Semiconductor Company Limited


BFR93A Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage
-V(BR)CEO= 12V(Min)
APPLICATIONS
·Low Noise Amplifiers for ISM Applications
·ISM Band Oscillators




Similar Part No. - BFR93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
NPN 6 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR93A VISHAY-BFR93A Datasheet
146Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Siemens Semiconductor G...
BFR93A SIEMENS-BFR93A Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Jun-27-2001
logo
List of Unclassifed Man...
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
More results


Similar Description - BFR93A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com