Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BFR93A
Description  isc NPN Silicon RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFR93A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BFR93A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFR93A Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFR93A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISB3108
eq BFR93A
isc NPN Silicon RF Transistor
www.iscsemi.com
2023-10-10
1
DESCRIPTION
·
Collector-Emitter Breakdown Voltage
-V(BR)CEO= 12V(Min)
APPLICATIONS
·
Low Noise Amplifiers for ISM Applications
·
ISM Band Oscillators
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
15
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
2
V
IC
Collector Current-Continuous
35
mA
PC
Collector Power Dissipation
300
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - BFR93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
NPN 6 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR93A VISHAY-BFR93A Datasheet
146Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Siemens Semiconductor G...
BFR93A SIEMENS-BFR93A Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Jun-27-2001
logo
List of Unclassifed Man...
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
More results

Similar Description - BFR93A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com