Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFC100 Datasheet(PDF) 5 Page - Clarke International

Part # CFC100
Description  FOLDING CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFC100 Datasheet(HTML) 5 Page - Clarke International

  CFC100 Datasheet HTML 1Page - Clarke International CFC100 Datasheet HTML 2Page - Clarke International CFC100 Datasheet HTML 3Page - Clarke International CFC100 Datasheet HTML 4Page - Clarke International CFC100 Datasheet HTML 5Page - Clarke International CFC100 Datasheet HTML 6Page - Clarke International CFC100 Datasheet HTML 7Page - Clarke International CFC100 Datasheet HTML 8Page - Clarke International CFC100 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COMPONENT PARTS LIST
No
Description
No
Description
1
Chain and hook assembly
19
Pump handle
2
Bolt M12x80
20
Main support post
3Flat washer M12
21
Ram
4
Lockwasher M12
22
Bolt M16 x 90
5
Nut M12
23
Nut M8
6
Jib extension
24
Castor wheel
7Jib
25
Chain
8
Bolt M14 x 100
26
Lock Pin
9
Flat washer M14
27
R-clip
10
Nut M14
28
Base
11
Bolt M16 x 70
29
Pin assembly
12
Flat washer M16
30
R-clip and chain
13
Nut M16
31
Left leg
14
Handle grip
32
Right leg
15
Bolt M16x110
33
Bolt M14x85
16
Bolt M8x20
34
Lockwasher M8
17
Lock was he M8
35
5” wheel
18
Handle
36
Bushing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com