Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFC100 Datasheet(PDF) 2 Page - Clarke International

Part # CFC100
Description  FOLDING CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFC100 Datasheet(HTML) 2 Page - Clarke International

  CFC100 Datasheet HTML 1Page - Clarke International CFC100 Datasheet HTML 2Page - Clarke International CFC100 Datasheet HTML 3Page - Clarke International CFC100 Datasheet HTML 4Page - Clarke International CFC100 Datasheet HTML 5Page - Clarke International CFC100 Datasheet HTML 6Page - Clarke International CFC100 Datasheet HTML 7Page - Clarke International CFC100 Datasheet HTML 8Page - Clarke International CFC100 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Hydraulic Crane.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission. This guarantee does not effect your
statutory rights.
SPECIFICATION
Please note that the details and specifications contained herein are correct
at the time of going to print. However Clarke International reserve the right to
change specifications at any time without prior notice.
Position 1
Position 2
Position 3
Position 4
Lifting Capacity (kg)
1000
750
500
250
Max Lift Height (mm)
1815
1880
1945
2010
Min. Lift Height (mm)
900
990
1080
1170
Overall Width (mm)
1030
Width Between Legs (mm)
890
Height of Legs
150
Weight (kgs)
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com