Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFC100 Datasheet(PDF) 10 Page - Clarke International

Part # CFC100
Description  FOLDING CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFC100 Datasheet(HTML) 10 Page - Clarke International

Back Button CFC100 Datasheet HTML 4Page - Clarke International CFC100 Datasheet HTML 5Page - Clarke International CFC100 Datasheet HTML 6Page - Clarke International CFC100 Datasheet HTML 7Page - Clarke International CFC100 Datasheet HTML 8Page - Clarke International CFC100 Datasheet HTML 9Page - Clarke International CFC100 Datasheet HTML 10Page - Clarke International CFC100 Datasheet HTML 11Page - Clarke International CFC100 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAINTENANCE
GENERAL
1. Always store the crane with the jib in its lowest position. This prevents any
possibility of corrosion to the ram.
2. Do not leave the crane exposed to the elements. Keep under cover.
3. Do not attempt to adjust or tamper with the ram assembly, there are no
serviceable parts. Contact your Clarke service department for servicing.
4. Always visually inspect the crane before use to ensure that all parts are
correctly located and secure. Check for hydraulic leaks, signs of damage
or worn parts and check the wheels and castors for serviceability.
5. A slight dampness on the ram is normal but where leakage is apparent the
ram seals must be renewed. Consult your Clarke service department.
EVERY THREE MONTHS
1. Pins and bolts should be removed and inspected for wear, deformation or
cracks. If any are apparent, the pin or bolt should be renewed.
2. Check the hydraulic ram operation and check the hydraulic oil level.
ANNUALLY
The crane should be fully inspected annually by a competent person.
1. Check wheels and castors to ensure they move freely without undue wear
to their bores and that the wheels are not cracked or damaged.
2. Remove any rust or corrosion and repaint to prevent further corrosion.
3. Ensure that all decals and warning labels are in place and legible.
HYDRAULIC OIL
It may be necessary from time to time to top up the oil level as follows.
1. Lower the jib to its lowest position and remove the bolt that joins the ram
(21) to the jib (7).
2. Rest the ram against the main support post and raise and prop up the jib
(7). Use a cable or similar ensure the ram does not drop.
3. Remove the vent plug from the side of the ram.
4. Top up the oil until it is level with the hole before replacing the vent plug.
• We recommend that the hydraulic oil is changed after every 100
hours of operation using Clarke hydraulic oil (part number 3050830).
• Do not mix different types of oil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com