Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2251 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB2251
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2251 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB2251 Datasheet HTML 12Page - SMSC Corporation USB2251 Datasheet HTML 13Page - SMSC Corporation USB2251 Datasheet HTML 14Page - SMSC Corporation USB2251 Datasheet HTML 15Page - SMSC Corporation USB2251 Datasheet HTML 16Page - SMSC Corporation USB2251 Datasheet HTML 17Page - SMSC Corporation USB2251 Datasheet HTML 18Page - SMSC Corporation USB2251 Datasheet HTML 19Page - SMSC Corporation USB2251 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
16
SMSC USB2250/51/59
DATASHEET
SM Address
Strobe
SM_ALE
52
O12PD
This pin is an active high Address Latch Enable
signal for the SM device.
This pin has a weak pull-down resistor that is
permanently enabled.
SM Command
Strobe
SM_CLE
53
O12PD
This pin is an active high Command Latch Enable
signal for the SM device.
This pin has a weak pull-down resistor that is
permanently enabled.
SM Data 7-0
SM_D[7:0]
39
40
41
42
43
44
45
46
I/O12PD
These pins are the bi-directional data signals
SM_D7-SM_D0.
The bi-directional data signal has an internal weak
pull-down resistor.
SM Read
Enable
SM_nRE
55
O12PU
This pin is an active low read strobe signal for SM
device.
When using the internal FET, this pin has an
internal weak pull-up resistor that is tied to the
output of the internal Power FET, and is controlled
by the SM_PU bit of the SMC_CTL register.
If an external FET is used (Internal FET is
disabled), then the internal pull-up is not available
(external pull-ups must be used).
SM Write
Enable
SM_nWE
48
O12PU
This pin is an active low write strobe signal for SM
device.
When using the internal FET, this pin has an
internal weak pull-up resistor that is tied to the
output of the internal Power FET, and is controlled
by the SM_PU bit of the SMC_CTL register.
If an external FET is used (Internal FET is
disabled), then the internal pull-up is not available
(external pull-ups must be used).
SM Write
Protect Switch
SM_nWPS
38
IPU
A write-protect seal is detected when this pin is
low.
This pin has an internal weak pull-up resistor that
is controlled by the SM_INTF_EN bit of the
SMC_MODE_CTL2 register.
SM Busy or
Data Ready
SM_nBR
56
IPU
This pin is connected to the BSY/RDY pin of the
SM device.
When using the internal FET, this pin has an
internal weak pull-up resistor that is tied to the
output of the internal Power FET, and is controlled
by the SM_PU bit of the SMC_CTL register.
If an external FET is used (Internal FET is
disabled), then the internal pull-up is not available
(external pull-ups must be used).
Table 5.1 USB2250/51/59 128-Pin VTQFP Pin Descriptions (continued)
NAME
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com