Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2251 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB2251
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2251 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB2251 Datasheet HTML 16Page - SMSC Corporation USB2251 Datasheet HTML 17Page - SMSC Corporation USB2251 Datasheet HTML 18Page - SMSC Corporation USB2251 Datasheet HTML 19Page - SMSC Corporation USB2251 Datasheet HTML 20Page - SMSC Corporation USB2251 Datasheet HTML 21Page - SMSC Corporation USB2251 Datasheet HTML 22Page - SMSC Corporation USB2251 Datasheet HTML 23Page - SMSC Corporation USB2251 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
20
SMSC USB2250/51/59
DATASHEET
Memory Chip
Enable
nMCE
26
O12
Program Memory Chip Enable; active low.
This signal is asserted when any external access
is being done by the processor.
This signal is held to logic 'high' while nRESET is
asserted.
MISC
General
Purpose I/O
LED1 / GPIO1
120
I/O12
This pin may be used either as input, edge
sensitive interrupt input, or output.
In addition, as an output, the GPIO1 can be used
output controlled by the LED1_GPIO1 register.
General
Purpose I/O
GPIO3
(VBUS_DET)
121
I/O12
This pin may be used either as input, edge
sensitive interrupt input, or output.
This pin is not 5V tolerant. An external resistor
divider must be used when connected to VBUS.
General
Purpose I/O
GPIO4
(SCL)
118
I/O12
This pin may be used either as input, edge
sensitive interrupt input, or output.
O12
SCL: This is the clock output when used with an
external EEPROM.
General
Purpose I/O
GPIO5
(SDA)
5
I/O12
This pin may be used either as input, edge
sensitive interrupt input, or output.
SDA: This is the data pin when used with an
external serial EEPROM.
General
Purpose I/O
GPIO8 /
CRD_PWR0
14
I/O12
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
I/O200
CRD_PWR: Card Power drive of 3.3V @ either
100mA or 200mA.
General
Purpose I/O
GPIO9 /
CRD_PWR1
78
I/O12
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
I/O200
CRD_PWR: Card Power drive of 3.3V @ either
100mA or 200mA.
General
Purpose I/O
GPIO10 /
CRD_PWR2
76
I/O12
GPIO: These pins may be used either as input,
edge sensitive interrupt input, or output. It is a
requirement that this is the only FET used to
power SM devices. Failure to do this will violate
SM voltage specification on SM device pins.
I/O200
CRD_PWR: Card Power drive of 3.3V @ either
100mA or 200mA.
General
Purpose I/O
GPIO11 /
CRD_PWR3
16
I/O12
GPIO: These pins may be used either as input,
edge sensitive interrupt input, or output.
I/O200
CRD_PWR: Card Power drive of 3.3V @ either
100mA or 200mA.
Table 5.1 USB2250/51/59 128-Pin VTQFP Pin Descriptions (continued)
NAME
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com