Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2251 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB2251
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2251 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB2251 Datasheet HTML 15Page - SMSC Corporation USB2251 Datasheet HTML 16Page - SMSC Corporation USB2251 Datasheet HTML 17Page - SMSC Corporation USB2251 Datasheet HTML 18Page - SMSC Corporation USB2251 Datasheet HTML 19Page - SMSC Corporation USB2251 Datasheet HTML 20Page - SMSC Corporation USB2251 Datasheet HTML 21Page - SMSC Corporation USB2251 Datasheet HTML 22Page - SMSC Corporation USB2251 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2250/51/59
19
Revision 2.6 (05-08-08)
DATASHEET
MEMORY / IO INTERFACE
Memory Data
Bus
MD[7:0]
33
29
30
31
34
35
36
37
I/O12
These signals are used to transfer data between
the internal CPU and the external program
memory.
Note:
These pins have internal weak pull-up
resistors that are controlled by the
MD_PU_DIS bit of the
PWR_MGMT_CTL1 register.
Memory
Address Bus
MA16
28
O12
These signals address memory locations within
the external memory. MA16 is a bit generated by
the ROM Mapper.
Memory
Address Bus
MA[15:2]
2
4
107
1
113
24
111
109
106
108
110
112
114
116
O12
These signals address memory locations within
the external memory.
Note: USB2259 requires that MA2 be tied to
3.3V via a 10K resistor.
Memory
Address Bus
MA1[1:0] /
CLK_
SEL1[1:0]
25
27
O12
MA[1:0]: These signals address memory locations
within the external memory.
I/O12PD
CLK_SEL[1:0]: During nRESET assertion, these
pins will select the operating frequency of the
external clock, and the corresponding weak pull-
down resistors are enabled. When nRESET is
negated, the value on these pins will be internal
latched and these pins will revert to MA[1:0]
functionality; the internal pull-downs will be
disabled.
CLK_SEL[1:0] = '00'. 24MHz
CLK_SEL[1:0] = '01'. RESERVED
CLK_SEL[1:0] = '10'. RESERVED
CLK_SEL[1:0] = '11'. 48MHz
Note:
If the latched value is '1', then the
corresponding MA pin is tri-stated when
the chip is in the powerdown state.
If the latched value is '0', then the corresponding
MA pin will function identically to the MA[15:3]
pins at all times (other than during nRESET
assertion).
Memory Write
Strobe
nMWR
3
O12
Program Memory Write; active low
Memory Read
Strobe
nMRD
115
O12
Program Memory Read; active low
Table 5.1 USB2250/51/59 128-Pin VTQFP Pin Descriptions (continued)
NAME
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com