Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032C Datasheet(PDF) 12 Page - STMicroelectronics

Part # M58LW032C
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M58LW032C Datasheet HTML 8Page - STMicroelectronics M58LW032C Datasheet HTML 9Page - STMicroelectronics M58LW032C Datasheet HTML 10Page - STMicroelectronics M58LW032C Datasheet HTML 11Page - STMicroelectronics M58LW032C Datasheet HTML 12Page - STMicroelectronics M58LW032C Datasheet HTML 13Page - STMicroelectronics M58LW032C Datasheet HTML 14Page - STMicroelectronics M58LW032C Datasheet HTML 15Page - STMicroelectronics M58LW032C Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
M58LW032C
12/61
dicates that the data is not, or will not be valid. Val-
id Data Ready in a high-impedance state indicates
that valid data is or will be available.
Unless Synchronous Burst Read has been select-
ed, Valid Data Ready is high-impedance. It may be
tied to other components with the same Valid Data
Ready signal to create a unique System Ready
signal.
The Valid Data Ready, R, output has an internal
pull-up resistor of approximately 1 M
Ω powered
from VDDQ, designers should use an external pull-
up resistor of the correct value to meet the external
timing requirements for Valid Data Ready rising.
Refer to Figure 19.
Status/(Ready/Busy) (STS). The STS signal is
an open drain output that can be used to identify
the Program/Erase Controller status. It can be
configured in two modes:
s
Ready/Busy - the pin is Low, VOL, during
Program and Erase operations and high
impedance when the memory is ready for any
Read, Program or Erase operation.
s
Status - the pin gives a pulsing signal to indicate
the end of a Program or Block Erase operation.
After power-up or reset the STS pin is configured
in Ready/Busy mode. The pin can be configured
for Status mode using the Configure STS com-
mand.
When the Program/Erase Controller is idle, or sus-
pended, STS can float High through a pull-up re-
sistor. The use of an open-drain output allows the
STS pins from several memories to be connected
to a single pull-up resistor (a Low will indicate that
one, or more, of the memories is busy).
STS is not Low during a reset unless the reset was
applied when the Program/Erase controller was
active. Ready/Busy can rise before Reset/Power-
Down rises.
Program/Erase Enable (VPEN). The
Program/
Erase Enable input, VPEN, is used to protect all
blocks, preventing Program and Erase operations
from affecting their data.
Program/Erase Enable must be kept High during
all Program/Erase Controller operations, other-
wise the operations is not guaranteed to succeed
and data may become corrupt.
VDD Supply Voltage. VDD provides the power
supply to the internal core of the memory device.
It is the main power supply for all operations
(Read, Program and Erase).
VDDQ Supply Voltage. VDDQ provides the power
supply to the I/O pins and enables all Outputs to
be powered independently from VDD. VDDQ can be
tied to VDD or can use a separate supply.
It is recommended to power-up and power-down
VDD and VDDQ together to avoid any condition that
would result in data corruption.
VSS Ground. Ground, VSS, is the reference for
the core power supply. It must be connected to the
system ground.
VSSQ Ground. VSSQ ground is the reference for
the input/output circuitry driven by VDDQ. VSSQ
must be connected to VSS.
Note: Each device in a system should have
VDD and VDDQ decoupled with a 0.1µF ceramic
capacitor close to the pin (high frequency, in-
herently low inductance capacitors should be
as close as possible to the package). See Fig-
ure 10, AC Measurement Load Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com