Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032C Datasheet(PDF) 15 Page - STMicroelectronics

Part # M58LW032C
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032C Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M58LW032C Datasheet HTML 11Page - STMicroelectronics M58LW032C Datasheet HTML 12Page - STMicroelectronics M58LW032C Datasheet HTML 13Page - STMicroelectronics M58LW032C Datasheet HTML 14Page - STMicroelectronics M58LW032C Datasheet HTML 15Page - STMicroelectronics M58LW032C Datasheet HTML 16Page - STMicroelectronics M58LW032C Datasheet HTML 17Page - STMicroelectronics M58LW032C Datasheet HTML 18Page - STMicroelectronics M58LW032C Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
15/61
M58LW032C
bits CR2-CR0). In Synchronous Continuous Burst
Read mode one Burst Read operation can access
the entire memory sequentially. If the starting ad-
dress is not associated with a page (4 Word)
boundary the Valid Data Ready, R, output goes
Low, VIL, to indicate that the data will not be ready
in time and additional wait-states are required. The
Valid Data Ready output timing (bit CR8) can be
changed in the Configuration Register.
The order of the data output can be modified
through the Burst Type bit in the Configuration
Register. The burst sequence can be sequential or
interleaved.
See Table 20, Synchronous Read AC Character-
istics and Figure 18 and 19, Synchronous Burst
Read AC Waveform for details.
Single Synchronous Read. Single
Synchro-
nous Read operations are similar to Synchronous
Burst Read operations except that only the first
data output after the X latency is valid. Single Syn-
chronous Reads are used to read the Status Reg-
ister,
CFI,
Electronic
Signature
and
Block
Protection Status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com