Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032C Datasheet(PDF) 24 Page - STMicroelectronics

Part # M58LW032C
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032C Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M58LW032C Datasheet HTML 20Page - STMicroelectronics M58LW032C Datasheet HTML 21Page - STMicroelectronics M58LW032C Datasheet HTML 22Page - STMicroelectronics M58LW032C Datasheet HTML 23Page - STMicroelectronics M58LW032C Datasheet HTML 24Page - STMicroelectronics M58LW032C Datasheet HTML 25Page - STMicroelectronics M58LW032C Datasheet HTML 26Page - STMicroelectronics M58LW032C Datasheet HTML 27Page - STMicroelectronics M58LW032C Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
M58LW032C
24/61
Table 6. Configuration Codes
Note: 1. DQ2-DQ7 are reserved
2. When STS pin is pulsing it remains Low for a typical time of 250ns.
Table 7. Read Electronic Signature
Note: 1. SBA is the Start Base Address of each block, BCR is Configuration Register data, PRD is Protection Register Data.
2. Base Address, refer to Figure 8 and Table 8 for more information.
Table 8. Read Protection Register
Configuration
Code
DQ1
DQ2
Mode
STS Pin
Description
00h
0
0
Ready/Busy
VOL during P/E
operations
Hi-Z when the
memory is ready
The STS pin is Low during Program and
Erase operations and high impedance when
the memory is ready for any Read, Program
or Erase operation.
01h
0
1
Pulse on Erase
complete
Pulse Low then
High when
operation
completed(2)
Supplies a system interrupt pulse at the end
of a Block Erase operation.
02h
1
0
Pulse on
Program
complete
Supplies a system interrupt pulse at the end
of a Program operation.
03h
1
1
Pulse on Erase
or Program
complete
Supplies a system interrupt pulse at the end
of a Block Erase or Program operation.
Code
Address (A21-A1)
Data (DQ15-DQ0)
Manufacturer Code
000000h
0020h
Device Code
000001h
8822h
Block Protection Status
SBA+02h
0000h (Block Unprotected)
0001h (Block Protected)
Configuration Register
000005h
BCR
Protection Register
000080h(2)
PRD
Word
Use
A8
A7A6A5
A4A3
A2A1
Lock
Factory, User
1
0
0000
00
0
Factory (Unique ID)
1
0
0000
01
1
Factory (Unique ID)
1
0
0000
10
2
Factory (Unique ID)
1
0
0000
11
3
Factory (Unique ID)
1
0
0001
00
4
User
10
0001
01
5
User
10
0001
10
6
User
10
0001
11
7
User
10
0010
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com