Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032D Datasheet(PDF) 12 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M58LW032D Datasheet HTML 8Page - STMicroelectronics M58LW032D Datasheet HTML 9Page - STMicroelectronics M58LW032D Datasheet HTML 10Page - STMicroelectronics M58LW032D Datasheet HTML 11Page - STMicroelectronics M58LW032D Datasheet HTML 12Page - STMicroelectronics M58LW032D Datasheet HTML 13Page - STMicroelectronics M58LW032D Datasheet HTML 14Page - STMicroelectronics M58LW032D Datasheet HTML 15Page - STMicroelectronics M58LW032D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
M58LW032D
12/51
BUS OPERATIONS
There are five standard bus operations that control
the memory. Each of these is described in this
section, see Tables 3, Bus Operations, for a sum-
mary.
On Power-up or after a Hardware Reset the mem-
ory defaults to Read Array mode (Page Read).
Typically glitches of less than 5ns on Chip Enable
or Write Enable are ignored by the memory and do
not affect bus operations.
Bus Read. Bus Read operations are used to out-
put the contents of the Memory Array, the Elec-
tronic Signature, the Status Register, the Common
Flash Interface and the Block Protection Status.
A valid bus operation involves setting the desired
address on the Address inputs, enabling the de-
vice (refer to Table 2, Device Enable), applying a
Low signal, VIL, to Output Enable and keeping
Write Enable High, VIH. The data read depends on
the previous command written to the memory (see
Command Interface section).
See Figure 9, Bus Read AC Waveforms, and Ta-
ble 15, Bus Read AC Characteristics, for details of
when the output becomes valid.
Bus Write. Bus Write operations write Com-
mands to the memory or latch addresses and input
data to be programmed.
A valid Bus Write operation begins by setting the
desired address on the Address Inputs and en-
abling the device (refer to Chip Enable section).
The Address Inputs are latched by the Command
Interface on the rising edge of Write Enable or the
first edge of E0, E1 or E2 that disables the device
(refer to Table 2, Device Enable).
The Data Input/Outputs are latched by the Com-
mand Interface on the rising edge of Write Enable
or the first edge of E0, E1 or E2 that disables the
device whichever occurs first. Output Enable must
remain High, VIH, during the Bus Write operation.
See Figures 11, and 12, Write AC Waveforms, and
Tables 17 and 18, Write and Chip Enable Con-
trolled Write AC Characteristics, for details of the
timing requirements.
Output Disable. The Data Inputs/Outputs are
high impedance when the Output Enable is at VIH.
Power-Down. The memory is in Power-Down
mode when Reset/Power-Down, RP, is Low. The
power consumption is reduced to the Power-Down
level, IDD2, and the outputs are high impedance,
independent of Chip Enable, Output Enable or
Write Enable.
Standby. Standby disables most of the internal
circuitry, allowing a substantial reduction of the
current consumption. The memory is in standby
when Chip Enable is at VIH. The power consump-
tion is reduced to the standby level IDD1 and the
outputs are set to high impedance, independently
of the Output Enable or Write Enable inputs.
If Chip Enable switches to VIH during a program or
erase operation, the device enters Standby mode
when finished.
Table 3. Bus Operations
Note: 1. DQ8-DQ15 are High Z in x8 mode.
2. X = Don’t Care VIL or VIH.
Bus Operation
E0, E1
or E2
G
W
RP
A1-A21 (x16)
A0-A21 (x8)
DQ0-DQ15 (x16)
DQ0-DQ7 (x8)(1)
Bus Read
VIL
VIL
VIH
VIH
Address
Data Output
Bus Write
VIL
VIH
VIL
VIH
Address
Data Input
Output Disable
VIL
VIH
VIH
VIH
X
High Z
Power-Down
X
X
X
VIL
X
High Z
Standby
VIH
XX
VIH
X
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com