Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032D Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58LW032D Datasheet HTML 19Page - STMicroelectronics M58LW032D Datasheet HTML 20Page - STMicroelectronics M58LW032D Datasheet HTML 21Page - STMicroelectronics M58LW032D Datasheet HTML 22Page - STMicroelectronics M58LW032D Datasheet HTML 23Page - STMicroelectronics M58LW032D Datasheet HTML 24Page - STMicroelectronics M58LW032D Datasheet HTML 25Page - STMicroelectronics M58LW032D Datasheet HTML 26Page - STMicroelectronics M58LW032D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
23/51
M58LW032D
Table 10. Status Register Bits
OPERATION
SR7
SR6
SR5
SR4
SR3
SR2
SR1
Result
(Hex)
Program/Erase Controller active
0
Hi-Z
N/A
Write Buffer not ready
0
Hi-Z
N/A
Write Buffer ready
1
0
0
0
0
0
0
80h
Write Buffer ready in Erase Suspend
1
1
0
0
0
0
0
C0h
Program suspended
1
0
0
0
0
1
0
84h
Program suspended in Erase Suspend
1
1
0
0
0
1
0
C4h
Program/Block Protect completed
successfully
1
000
000
80h
Program completed successfully in Erase
Suspend
1
100
000
C0h
Program/Block protect failure due to incorrect
command sequence
1
011
000
B0h
Program failure due to incorrect command
sequence in Erase Suspend
1
111
000
F0h
Program/Block Protect failure due to
VPEN
error
1
001
100
98h
Program failure due to
VPEN error in Erase
Suspend
1
101
100
D8h
Program failure due to Block Protection
1
0
0
1
0
0
1
92h
Program failure due to Block Protection in
Erase Suspend
1
101
001
D2h
Program/Block Protect failure due to cell
failure
1
001
000
90h
Program failure due to cell failure in Erase
Suspend
1
101
000
D0h
Erase Suspended
1
1
0
0
0
0
0
C0h
Erase/Blocks Unprotect completed
successfully
1
000
000
80h
Erase/Blocks Unprotect failure due to
incorrect command sequence
1
011
000
B0h
Erase/Blocks Unprotect failure due to
VPEN
error
1
010
100
A8h
Erase failure due to Block Protection
1
0
1
0
0
0
1
A2h
Erase/Blocks Unprotect failure due to failed
cells in Block
1
010
000
A0h
Configure STS error due to invalid
configuration code
1
011
000
B0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com