Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032D Datasheet(PDF) 37 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M58LW032D Datasheet HTML 33Page - STMicroelectronics M58LW032D Datasheet HTML 34Page - STMicroelectronics M58LW032D Datasheet HTML 35Page - STMicroelectronics M58LW032D Datasheet HTML 36Page - STMicroelectronics M58LW032D Datasheet HTML 37Page - STMicroelectronics M58LW032D Datasheet HTML 38Page - STMicroelectronics M58LW032D Datasheet HTML 39Page - STMicroelectronics M58LW032D Datasheet HTML 40Page - STMicroelectronics M58LW032D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
37/51
M58LW032D
Table 26. CFI - Device Voltage and Timing Specification
Note: 1. Bits are coded in Binary Code Decimal, bit7 to bit4 are scaled in Volts and bit3 to bit0 in mV.
2. Bit7 to bit4 are coded in Hexadecimal and scaled in Volts while bit3 to bit0 are in Binary Code Decimal and scaled in 100mV.
3. Not supported.
4. In x8 mode, A0 must be set to VIL, otherwise 00h will be output.
Table 27. Device Geometry Definition
Note: 1. In x8 mode, A0 must be set to VIL, otherwise 00h will be output.
Address
Data
Description
x16
x8(4)
001Bh
36h
27h (1)
VDD Min, 2.7V
001Ch
38h
36h (1)
VDD max, 3.6V
001Dh
3Ah
00h (2)
VPP min – Not Available
001Eh
3Ch
00h (2)
VPP max – Not Available
001Fh
3Eh
04h
2n µs typical time-out for Word, DWord prog – Not Available
0020h
40h
08h
2n µs, typical time-out for max buffer write
0021h
42h
0Ah
2n ms, typical time-out for Erase Block
0022h
44h
00h (3)
2n ms, typical time-out for chip erase – Not Available
0023h
46h
04h
2n x typical for Word Dword time-out max – Not Available
0024h
48h
04h
2n x typical for buffer write time-out max
0025h
4Ah
04h
2n x typical for individual block erase time-out maximum
0026h
4Ch
00h (3)
2n x typical for chip erase max time-out – Not Available
Address
Data
Description
x16
x8(1)
0027h
4Eh
16h
n where 2n is number of bytes memory Size
0028h
50h
02h
Device Interface
0029h
52h
00h
Organization Sync./Async.
002Ah
54h
05h
Maximum number of bytes in Write Buffer, 2n
002Bh
56h
00h
002Ch
58h
01h
Bit7-0 = number of Erase Block Regions in device
002Dh
5Ah
1Fh
Number (n-1) of Erase Blocks of identical size; n=64
002Eh
5Ch
00h
002Fh
5Eh
00h
Erase Block Region Information
x 256 bytes per Erase block (128K bytes)
0030h
60h
02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com