Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7115 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 7115
Description  8100 Instrumentation Test Stand
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

7115 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  7115 Datasheet HTML 1Page - Time Electronics Ltd. 7115 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
8100 Instrumentation Test Stand
Time Electronics Ltd, Unit 5 TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v1a
02/21
Description
The 8100 is a multi-purpose test stand, primarily for use with process instrumentation in the
workshop or lab. It is a compact workstation that provides users with quick and customiseable
setups for common testing applications and service work. These include practical mounting of
various pressure transmitters and gauges, temperature transmitters, RTDs and thermocouples.
A solid aluminium track plate situates on a non-slip rubber mat, providing a sturdy base for
working with heavy transmitters and other devices. The base allows the fixtures and tools to be
easily connected, with knurled knob thumb screws and clamps to secure them in place. The
fixtures can slide back and forth along the tracks for an optimal working position. They can also
be removed and repositioned as per user preference.
An upright support with clamp mechanism can be used to hold poles (2 supplied) either
vertically or horizontally, for u-bolt transmitter mounting. The clamp mechanism features a front
and rear section for this purpose (rear: vertical, front: horizontal). These clamp sections have
step jaws that are tightened with cylinder bolts. An electric screwdriver is supplied to speed up
the setup process. The clamp jaws are also utilised for direct mounting of instrumentation, or
for holding angle brackets that connect to transmitters.
A compact single port pressure manifold connects to the base track with a clamp fitting to enable
positioning as required. It features a hand-tight connector for the UUT side. A dual port version is
optional. Models for pneumatic and hydraulic work are also available.
The 8100 is supplied as a comprehensive kit with tools and fixtures for a variety of tasks. Tools
include 3 adjustable spanners, electric screwdriver, bit set, folding triangle hex key set, and cable
tie set. Additional fixtures are provided to connect to the base plate and the upright clamp sections.
Kit Contents/Details
Base plate..........................................................Cast aluminium, 400 x 400 mm T-slot plate, 9 kg.
........................................................... Connection to base via knurled knob screws, into T-slot nuts.
Non-slip mat ........................................................................................ 600 x 500 mm, wide ribbed.
Upright support.................... Connects to base plate, features fittings tray, perforated sides with
....................................................................... pre-fitted holders for pole storage and tool hanging.
......................................................Clamp mechanism connects to upright with height adjustment.
............................................................................................................. 2x poles supplied, Ø 50 mm.
Mounting brackets............................................... Angle bracket and multi-hole bracket supplied.
Single port manifold ........... Connects to base plate, suitable for pneumatic vacuum to 200 bar.
................................................Hand-tight connector for UUT - 8100: 1/4 BSP. 8100-NPT: 1/4" NPT.
....................................................................................Input connection: minimess (hose supplied).
Quick vice ......... Connects to base plate, fast close mechanism with quick fit and trigger action.
......................... Soft jaws with rubber pads. Clamping force: 180kg. Clamping capacity: 110mm.
............................................................Table mounting clamps supplied for use off the base plate.
Retort rod................................................................Connects to base plate, H500 mm, Ø 10 mm,
................................................... with boss head connection and 3 prong clamp with rubber jaws.
Tools.................................... 3 adjustable spanners (150, 200 and 250 mm), electric screwdriver,
.....................................................33 pc bit set, 9 pc folding triangle hex key set, and cable tie set.
Features
• Multi-purpose test stand for process instrumentation
• Configurable solution with track base on rubber mat
• 2 transmitter fixing poles for U-bolt connections
• Vertical and horizontal pole positioning, height adjustable
• Pressure manifold with hand-tight quick connection
• Quick-vice with sliding jaw and one handed lever arm
• Upright support with clamp mechanism
• Easy to configure as per user requirements
• Clamping section can be used for direct mounting of
UUTs, angle brackets .
• Tools supplied include electric screwdriver, bit set
3 adjustable spanners, hex key set and cable ties
• Additional fixtures and fittings for customised mounting setups
• Retort rod with 3 prong clamp for holding temperature
sensors, RTDs, thermocouples
Ordering information
8100 ..........................................................Instrumentation Test Stand
.......................................(Complete kit with 1/4 BSP manifold and hoses)
8100-NPT..................................................Instrumentation Test Stand
......................................(Complete kit with 1/4" NPT manifold and hoses)
Options
7161 ...........................................Dual port pneumatic manifold (1/4 BSP)
7161-NPT..................................Dual port pneumatic manifold (1/4" NPT)
7115 .................................Contamination trap (see separate data sheet)
7198 ..........................................Pressure adaptor kit (1/4 BSP to various)
7198-NPT.................................Pressure adaptor kit (1/4" NPT to various)


Similar Part No. - 7115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7115 ETC1-7115 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Connor-Winfield Corpora...
7115 CONNOR-WINFIELD-7115 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
logo
Pomona Electronics
7115 POMONA-7115 Datasheet
90Kb / 1P
XLR D Square Flanged Panel Receptacle
logo
Time Electronics Ltd.
7115 TIME-ELECTRONICS-7115 Datasheet
378Kb / 1P
7115 Contamination Trap
04/20
logo
Connor-Winfield Corpora...
7115-20.00M CONNOR-WINFIELD-7115-20.00M Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
More results

Similar Description - 7115

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
Test Instrumentation
HMC579 AD-HMC579 Datasheet
298Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com