Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW128A Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58LW128A
Description  128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW128A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58LW128A Datasheet HTML 9Page - STMicroelectronics M58LW128A Datasheet HTML 10Page - STMicroelectronics M58LW128A Datasheet HTML 11Page - STMicroelectronics M58LW128A Datasheet HTML 12Page - STMicroelectronics M58LW128A Datasheet HTML 13Page - STMicroelectronics M58LW128A Datasheet HTML 14Page - STMicroelectronics M58LW128A Datasheet HTML 15Page - STMicroelectronics M58LW128A Datasheet HTML 16Page - STMicroelectronics M58LW128A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
13/65
M58LW128A, M58LW128B
is the LSB of the address bus. When WORD is
High, VIH, the Double-Word wide x32 Bus Width is
selected and the data is read and written to on
DQ0-DQ31; A2 is the LSB of the address bus and
A1 is don’t care.
Ready/Busy (RB). The Ready/Busy output, RB,
is an open-drain output that can be used to identify
if the Program/Erase Controller is currently active.
When Ready/Busy is high impedance, the memo-
ry is ready for any read, program or erase opera-
tion. Ready/Busy is Low, VOL, during program and
erase operations. When the device is busy it will
not accept any additional Program or Erase com-
mands except Program/Erase Suspend. When the
Program/Erase Controller is idle, or suspended,
Ready Busy can float High through a pull-up resis-
tor.
The use of an open-drain output allows the Ready/
Busy pins from several memories to be connected
to a single pull-up resistor. A Low will then indicate
that one, or more, of the memories is busy.
Ready/Busy is not Low during a reset unless the
reset was applied when the Program/Erase Con-
troller was active; Ready/Busy can rise before Re-
set/Power-Down rises.
Program/Erase Enable (VPP). The
Program/
Erase Enable input, VPP, is used to protect all
blocks, preventing Program and Erase operations
from affecting their data.
When Program/Erase Enable is Low, VIL, any pro-
gram or erase operation sent to the Command In-
terface will cause the VPP Status bit (bit3) in the
Status Register to be set. When Program/Erase
Enable is High, VIH, program and erase operations
can be performed on unprotected blocks. Pro-
gram/Erase Enable must be kept High during all
Program, Erase, Block Protect and Block Unpro-
tect operations, otherwise the operation is not
guaranteed to succeed and data may become cor-
rupt.
VDD Supply Voltage. The Supply Voltage, VDD,
is the core power supply. All internal circuits draw
their current from the VDD pin, including the Pro-
gram/Erase Controller.
A 0.1
µF capacitor should be connected between
the Supply Voltage, VDD, and the Ground, VSS, to
decouple the current surges from the power sup-
ply. The PCB track widths must be sufficient to
carry the currents required during all operations of
the parts, see Table 16, DC Characteristics, for
maximum current supply requirements.
Input/Output Supply Voltage (VDDQ). The
In-
put/Output Supply Voltage, VDDQ, is the input/out-
put buffer power supply. All input and output pins
and voltage references are powered and mea-
sured relative to the Input/Output Supply Voltage
pin, VDDQ.
The Input/Output Supply Voltage, VDDQ, must al-
ways be equal or less than the VDD Supply Volt-
age, including during Power-Up.
A 0.1
µF capacitor should be connected between
the Input/Output Supply Voltage, VDDQ, and the
Ground, VSSQ, to decouple the current surges
from the power supply. If VDDQ and VDD are con-
nected together then only one decoupling capaci-
tor is required.
Ground (VSS). Ground, VSS, is the reference for
all core power supply voltages.
Ground (VSSQ). Ground, VSSQ, is the reference
for input/output voltage measurements. It is es-
sential to connect VSS and VSSQ to the same
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com