Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW128A Datasheet(PDF) 21 Page - STMicroelectronics

Part # M58LW128A
Description  128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW128A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M58LW128A Datasheet HTML 17Page - STMicroelectronics M58LW128A Datasheet HTML 18Page - STMicroelectronics M58LW128A Datasheet HTML 19Page - STMicroelectronics M58LW128A Datasheet HTML 20Page - STMicroelectronics M58LW128A Datasheet HTML 21Page - STMicroelectronics M58LW128A Datasheet HTML 22Page - STMicroelectronics M58LW128A Datasheet HTML 23Page - STMicroelectronics M58LW128A Datasheet HTML 24Page - STMicroelectronics M58LW128A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
21/65
M58LW128A, M58LW128B
Table 5. Burst Configuration Register
Address
Bit
Mnemonic
Bit Name
Reset
Value
Value
Description
Valid Bus
Width
17
M15
Read
Select
1
0
Synchronous Burst Read
x16 or x32
1
Asynchronous Bus Read
x16 or x32
16
to
13
M14-M11
X-Latency
XXXX
0010
X-Latency = 7, use only with Continuous Burst
Length
x16 or x32
0011
X-Latency = 8
x16 or x32
0100
X-Latency = 9
x16 or x32
0101
X-Latency = 10, use only with Continuous Burst
Length
x16 only
0110
X-Latency = 11, use only with Continuous Burst
Length
x16 only
1001
X-Latency = 12
x16 only
1010
X-Latency = 13
x16 only
1011
X-Latency = 13, use only with Continuous Burst
Length
x16 or x32
1101
X-Latency = 15
x16 or x32
Others
Reserved, Do Not Use.
11
M9
Y-Latency
X
0
When X-Latency < 13, Y-Latency = 1
When M14-M11 = 1011 or 1101, Y-Latency = 2
x16 or x32
1
When X-Latency
≤15 but M14-M11≠1011 or
1101, Y-Latency = 2,
When M14-M11
=1011 or 1101 DO NOT USE.
x16 or x32
10
M8
Valid Data
Ready
X
0
R valid Low during valid Clock edge
x16 or x32
1
R valid Low one cycle before valid Clock edge
x16 or x32
9
M7
Burst Type
X
0
Interleaved
x16 or x32
1
Sequential
x16 or x32
8M6
Valid Clock
Edge
X
0
Falling Clock edge
x16 or x32
1
Rising Clock edge
x16 or x32
5M3
Latch
Enable
0
0
Random Read
x16 or x32
1
Latch Enable Controlled Read
x16 or x32
4
to
2
M2-M0
Burst
Length
XXX
100
1 Word or Double-Word
x16 or x32
101
2 Words or Double-Words
x16 or x32
001
4 Words or Double-Words
x16 or x32
010
8 Words
x16 only
111
Continuous
x16 or x32
Others
Reserved, Do Not Use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com