Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1269LP10 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1269LP10
Description  Audio Capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1269LP10 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1269LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DIO1269
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO1269• Rev. 1.5
Electrical Characteristics
Typical value: VCC=2.7V to 5.0V, TA=25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ANALOG SWITCH
Vsw
Switch I/O voltage
2.5≤ VCC ≤3.5V
-2
V+
V
3.5≤ VCC ≤5.0V
RON
Switch On Resistance
ION =100mA, NO/NC =5V; VCC =5V
0.8
0.95
Ω
ION =100mA, NO/NC =0.7, 3.6, 4.5V; VCC =4.5V
1
ION =100mA, NO/NC =0.7, 3.6V; VCC =3V
ION =100mA, NO/NC =0, 0.7, 1.6, 2.3V; VCC =2.7V
ΔRON
On resistance
matching between
channels
ION =100mA, NO/NC =0.7V, VCC =4.5V
0.04
0.13
Ω
ION =100mA, NO/NC =0.7V, VCC =3V
0.06
0.13
ION =100mA, NO/NC =0.7V, VCC =2.7V
0.12
RFLAT(ON)
On resistance flatness
IOUT =100mA, NO/NC =0 to VCC, VCC =4.5V
1
Ω
IOUT =100mA, NO/NC =0 to VCC, VCC =3V
IOUT =100mA, NO/NC =0 to VCC, VCC =2.7V
IB(OFF)
Source off leakage
current
COM =0.5, VCC -0.5V, NO/NC =VCC -0.5, 0.5V,
floating VCC =2.7 to 4.5V
-50
50
nA
IA(ON)
Channel ON leakage
current
COM =0.5, VCC -0.5V, NO/NC = VCC -0.5, 0.5V,
floating VCC =2.7 to 4.5V
-20
20
nA
IOFF
Power off leakage
current
VCC =0V, NO/NC floating, COM =4.5V
-1
1
µA
ICC
Quiescent supply
current
VIN =0 or VCC, Iout=0, VCC =4.5V
32
µA
ICCT
Increase in ICC per
input
Input at 2.6V, VCC =4.5V
3
10
µA
Input at 1.8V, VCC =4.5V
7
15
DIGITAL INPUT
VIH
Input voltage high
VCC =4.6V
1.42
V
VCC =4.2V
1.38
VCC =3.6V
1.30
VCC =3.2V
1.26
VCC =2.8V
1.21
VIL
Input voltage low
VCC =4.6V
0.64
V
VCC =4.2V
0.6
VCC =3.6V
0.54
VCC =3.2V
0.49
VCC =2.8V
0.38
IIN
Input leakage
VIN= 0 to VCC
-0.5
0.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com