Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1269LP10 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1269LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1269LP10
Download  DIO1269LP10 Download
File Size   483.79 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Audio Capability

DIO1269LP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1269LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1269LP10
Download  DIO1269LP10 Click to download

File Size   483.79 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Audio Capability

DIO1269LP10 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1269LP10 Product details

Features
 1Ω Typical On Resistance (RON) for 3.0V
Supply
 0.5Ω RON Flatness for 3.0V Supply
 -3dB Bandwidth: 180MHz
 Low-ICCT Current Over an Expanded Control
Input Range
 Green Packaged in DQFN-10
 Power-Off Protection on Common Ports
 Broad VCC Operating Range: 2.7V to 5V
Applications
 Cell Phone, and Digital Camera
 PDA , and Notebook
 LCD Monitor
 TV, and Set-Top Box
Descriptions
The DIO1269 is a high-performance, dual
Single-Pole Double-Throw (SPDT) analog switch
with negative swing audio capability. The DIO1269
features ultra-low RON of 1Ω (typical) at 3.0V VCC.
The DIO1269 operates over a wide VCC range of
2.7V to 5V, is fabricated with sub-micron CMOS
technology to achieve fast switching speeds, and
is designed for break-before-make operation. The
select input is TTL-level compatible.
The DIO1269 features very low quiescent current
even when the control voltage is lower than the
VCC supply. This feature suits mobile handset
applications by allowing direct interface with
baseband processor general-purpose I/Os with
minimal battery consumption.




Similar Part No. - DIO1269LP10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1266 DIOO-DIO1266 Datasheet
1Mb / 10P
Load Switch
Rev 1.3
DIO1266B DIOO-DIO1266B Datasheet
1Mb / 14P
Load Switch
Aug 2024
DIO1266BWL12 DIOO-DIO1266BWL12 Datasheet
1Mb / 14P
Load Switch
Aug 2024
DIO1266WL12 DIOO-DIO1266WL12 Datasheet
1Mb / 10P
Load Switch
Rev 1.3
DIO1268 DIOO-DIO1268 Datasheet
1Mb / 10P
Analog Switch
Rev 1.5
More results


Similar Description - DIO1269LP10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
STA016A STMICROELECTRONICS-STA016A Datasheet
268Kb / 43P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
Jul-2004
logo
ON Semiconductor
NCP4896 ONSEMI-NCP4896 Datasheet
130Kb / 16P
1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
March, 2005 ??Rev. 3
logo
Fairchild Semiconductor
FSA201_0704 FAIRCHILD-FSA201_0704 Datasheet
1Mb / 21P
USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015_04 Datasheet
720Kb / 55P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Mar-2004
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
logo
NXP Semiconductors
NX5L2750C PHILIPS-NX5L2750C_15 Datasheet
161Kb / 16P
Analog switch with negative swing audio capability
Rev. 2-7 May 2014
logo
ON Semiconductor
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
logo
NXP Semiconductors
NX5L2750CGU NXP-NX5L2750CGU Datasheet
238Kb / 16P
Analog switch with negative swing audio capability
Rev.2.1-12February2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com