Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1269LP10 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1269LP10
Description  Audio Capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1269LP10 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1269LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1269LP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DIO1269
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO1269• Rev. 1.5
COM
NC1
Vcc
GND
NC2
RL=50Ω
IN
50Ω
50Ω
Network
Analyzer
Figure 6
Channel-to-channel crosstalk
COM
NC
Vcc
GND
NO
RL=50Ω
IN
50Ω
50Ω
Network
Analyzer
Figure 7
Off-isolation
COM
NC
Vcc
GND
IN
Vsw
NO
RL
CL
VIN
VIL
VIH
VIN
90%
tBBM
Vout
Vout
Figure 8
Break-Before-Make



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com