Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1523LP10 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1523LP10
Description  Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1523LP10 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1523LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1523LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1523LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1523LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1523LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1523LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1523LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1523LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1523LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 1.2
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO1523• Rev. 1.2
DIO1523
0.75 Ω,Ultra Low On-Resistance Dual, SPDT Analog Switch
Features
Switch type: SPDT(2X)
Voltage operation: 1.8 V to 4.2 V
Ultra-low on resistance:
0.75 Ω (typ.) at 4.2 V
-3dB bandwidth: 75 MHz
High off-isolation: -78 dB at 100 kHz
Low crosstalk: -100 dB at 100 kHz
Excellent ON resistance matching: 0.03 Ω
Low total harmonic distortion (THD)
Rail-to-rail input and output operation
Break-before-make switching
Green packaged: QFN1.4×1.8-10
±8 kV HBM ESD
Applications
Cell-phone / PDA
MP3 / MP4 / PMP
Portable instrumentation
Battery powered communications
Computer peripherals
Descriptions
The DIO1523 is a dual single-pole, double-throw
(SPDT) analog switch. DIO1523 operates from a
single 1.8 V to 4.2 V supply and features an
ultra-low on resistance of 0.75 Ω at a 4.2 V supply
and TA = 25°C. This device is fabricated with
sub-micron CMOS technology to achieve fast
switching speeds and is designed for
break-before-make operation.
The DIO1523 guarantees 0.03 Ω on-resistance
matching between switches, on-resistance
flatness over the signal range, high off-isolation
and low crosstalk, which ensures excellent
linearity and low distortion when switching audio
signals. DIO1523 consists of two normally open
and two normally close switches.
The
DIO1523
provides
Green
package
QFN1.4×1.8-10.
Block Diagram
Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO1523LP10
YWGC
1
Green
-40 to 85°C
QFN1.4
×1.8-10 Tape & Reel, 3000


Similar Part No. - DIO1523LP10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1520 DIOO-DIO1520 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1520B DIOO-DIO1520B Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520BLP10 DIOO-DIO1520BLP10 Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520LP10 DIOO-DIO1520LP10 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1521 DIOO-DIO1521 Datasheet
1Mb / 12P
2-Channel Exchange Switch
Oct 2024
More results

Similar Description - DIO1523LP10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com