Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2186ASC6 Datasheet(PDF) 14 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2186ASC6
Description  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186ASC6 Datasheet(HTML) 14 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2186ASC6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
10
swing to GND, VZL.
For devices lacking a dedicated REF pin, the VREF value is assumed to be zero. Under normal operating
conditions, the device generates an output voltage that represents the amplified differential voltage
between IN+ and IN– terminals, offset by the voltage applied to the REF pin.
8.8.2. REF connection
The device’s configuration allows current monitoring in either unidirectional or bidirectional applications,
determined by the REF pin connection.
There are different methods for REF connection.
By connecting the REF pin to ground, the output is set to ground when no current is flowing. This is the
most common unidirectional case. In unidirectional case, the output voltage remains close to ground in the
absence of current flow. When current passes from the bus supply to the load, the differential input voltage
between IN+ and IN– rises, so the output voltage at the OUT pin increases, too.
Under zero input conditions, the linear operating range of the output stage is constrained by the minimum
output voltage achievable near ground. The DIO2186’s zero current output voltage is very low, so in most
unidirectional applications, the REF pin is simply connected to ground. However, the measured current
multiplied by the current sense resistor and device gain is smaller than the zero current output voltage, the
REF pin should be biased to an appropriate voltage level above this zero current output to ensure the
output stays within the device’s linear range. To reduce common-mode rejection errors, it is advisable to
buffer the reference voltage applied to the REF pin.
Another application of the REF pin in unidirectional operation is to level-shift the output voltage. It is shown
below that a scenario where the device ground (GND) is set to a negative voltage, enabling measurement
of currents biased to negative supplies, such as those found in optical networking cards. The DIO2186’s
GND can be connected to negative voltages provided that the input voltages remain within the
common-mode range specification and the voltage difference between VS and GND does not exceed 6 V.
In this setup, the DIO2186 output is connected to a positively biased analog-to-digital converter (ADC). By
grounding the REF pin, the output voltage stays positive, protecting the ADC from potential damage. To
ensure the output voltage never falls below ground, the power supply must be sequenced such that the
positive supply powers up before the negative supply.
Figure 10. Using the REF pin to level-shift output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com