Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2186ASC6 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2186ASC6
Description  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186ASC6 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2186ASC6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
I
40 V, Bidirectional, High-Precision
Current Sense Amplifier
Features
Supply range:
−
Single power supply: 2.5 V to 6.0 V
−
Common-mode range: -2 V to 40 V
Low offset voltage: ±3 µV (Typ)
Low input bias currents, IB: 1 nA (Typ)
Quiescent current: 75 µA (Typ)
Accuracy:
−
Gain error: ±1% (Max)
−
Offset drift: 0.5 µV/°C (Max)
−
Offset voltage: ±50 µV (Max)
−
Gain drift: 10 ppm/°C (Max)
Common-mode rejection ratio: 150 dB (Typ)
Bidirectional current sensing capability
Choice of gain:
−
DIO2186A: 25 V/V
−
DIO2186B: 50 V/V
−
DIO2186C: 100 V/V
−
DIO2186D: 200 V/V
−
DIO2186E: 500 V/V
Input voltage noise: 77 nV/√Hz
Applications
Body control module (BCM)
Telematics control unit
Emergency call (eCall)
12 V battery management system (BMS)
Automotive head unit
Package Information
Part Number
Package
Body Size
DIO2186
SC70-6
2.07 mm × 1.26 mm
SOT23-5
2.926 mm × 1.626 mm
WLCSP-6 0.755 mm × 1.195 mm
Description
The DIO2186 is a bidirectional and high-precision
voltage output current sense amplifie. It can be used
as high side or low side current monitor in automotive
electronics. The DIO2186 sense drops across shunts
independent of the supply voltage. This device
supports common-mode inputs from -2 V to 40 V,
making it ideal for current sensing of inductive loads
in automotive applications. The DIO2186 boasts an
ultra-low input bias current of only 1 nA that enables
the use of larger shunt resistors, providing accurate
current measurements even in the micro-amp range.
Its high-precision performance includes a low offset
voltage and gain error less than ±1%. The DIO2186
operates from a single 2.5 V to 6.0 V power supply.
With bidirectional current sensing capability, DIO2186
offers three fixed gain options: 25 V/V, 50 V/V, 100
V/V, 200 V/V, 500 V/V. The devices are specified
over ambient temperature range from -40°C to 125°C,
which makes it a perfect solution for automotive
applications.
Simplified Schematic


Similar Part No. - DIO2186ASC6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2140 DIOO-DIO2140 Datasheet
1Mb / 12P
Audio Amplifier
Rev 1.5
DIO2140CD8 DIOO-DIO2140CD8 Datasheet
1Mb / 12P
Audio Amplifier
Rev 1.5
DIO2140CM8 DIOO-DIO2140CM8 Datasheet
1Mb / 12P
Audio Amplifier
Rev 1.5
DIO2172 DIOO-DIO2172 Datasheet
598Kb / 8P
RRIO 10 MHz Amplifier
Rev 1.2
DIO2172TST8 DIOO-DIO2172TST8 Datasheet
598Kb / 8P
RRIO 10 MHz Amplifier
Rev 1.2
More results

Similar Description - DIO2186ASC6

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Texas Instruments
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
logo
Linear Technology
LT6119-1 LINER-LT6119-1 Datasheet
337Kb / 28P
Current Sense Amplifier
logo
Semtech Corporation
TS94033 SEMTECH-TS94033 Datasheet
1Mb / 10P
Current Sense Amplifier
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
Current Sense Amplifier
logo
Rohm
BD14210G-LA ROHM-BD14210G-LA Datasheet
983Kb / 19P
Current Sense Amplifier
03.Mar.2022 Rev.001
BD14210G-EVK-001 ROHM-BD14210G-EVK-001 Datasheet
668Kb / 4P
Current Sense Amplifier
Rev.001 Oct.2022
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
Current Sense Amplifier
06.Sep.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com