Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2186ASC6 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2186ASC6
Description  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186ASC6 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2186ASC6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2186ASC6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VS
Maximum supply voltage
6.6
V
VIN+, VIN–
Analog inputs
Differential (VIN+) – (VIN–)
-42 to 42
V
VIN+, VIN–, with respect to GND (1)
GND-2.5 to 42
REF, OUT (1)
GND-0.3 to VS+0.3
V
Input current into any pin (1)
5
mA
TA
Operating temperature range
-55 to 150
°C
TJ
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-65 to 150
°C
Note:
(1) Input voltage at any pin may exceed the voltage shown if the current at that pin is limited to 5 mA.
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VCM
Common-mode input range
-2 to 40
V
VIN+, VIN–
Input pin voltage range
-2 to 40
V
VS
Operating supply voltage
2.5 to 6
V
VREF
Reference pin voltage range
GND to VS
V
TA
Operating free-air temperature
-40 to 125
°C
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
HBM
ANSI/ESDA/JEDEC JS-001
±4
kV
CDM
ANSI/ESDA/JEDEC JS-002
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com