Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2213CS8 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2213CS8
Description  Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2213CS8 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2213CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DIO2213, Version 1.0, Jan 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
7
8.4. Input filtering
One possible location for filtering is at the output of the DIO2213 series, in which case the output
impedance of the internal buffer increases. Adding a filter at the input pins of the DIO2213 series is a
better option although the input impedance makes the input filtering more complicated as shown in Figure
5. To minimize the initial shift in gain and effects of tolerance, use the lowest resistor values. Equation (1)
tells the effect on initial gain.
)
R
+
5kΩ
5kΩ
×
(100
-
100
=
%
Error
Gain
FILTER
(1)
Figure 5. Input filter
Calculate the total effect on gain error by substituting the 5 kΩ term with 5 kΩ - 30% or 5 kΩ + 30%. Put
the tolerance extremes of RFILTER into equation (1). For instance, two resistors of 100 Ω 1% near the input
pins, making a gain error of 1.96%. The worst case approach is using an internal 5 kΩ resistor and RFILTER
+ 3%, which will offer an error gain larger than the normal value.
The specified accuracy of the DIO2213 is another important factor to consider apart from these tolerances.
Geometric-mean and root-sum-square mean are another two recommended ways to calculate the
variations of accuracy.
9. Layout
Use four wire connection, also known as Kelvin connection, to connect the input pins and the sensing
resistor together so as to ensure only the current sensing resistance is detected. Inappropriate layout often
results in additional resistance between the input pins, causing erroneous measuring. Locate the
power-supply bypass capacitor, 0.1 μF recommended, as close as possible to the VS and GND pins. Use
an additional decoupling capacitor to lessen the impacts of noisy or high-impedance power supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com