Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2213CS8 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2213CS8
Description  Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2213CS8 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2213CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DIO2213, Version 1.0, Jan 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
4
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Total output error (1)
VSENSE = 120 mV, VS = 16 V,
TA = -40°C to 125°C
±0.4
±0.8
%
CLOAD
Maximum capacitive load
No sustained oscillation
0.5
nF
Voltage output
Output swing to the positive
rail(3)
VIN– = 11 V, VIN+ = 12 V,
TA = –40°C to 125°C
VS - 0.12
VS - 0.25
V
Output swing to GND (2)
VIN– = 0 V, VIN+ = -0.5 V,
TA = –40°C to 125°C
6
50
mV
Frequency response
BW
Bandwidth
CLOAD = 5 pF
100
kHz
Phase margin (2)
CLOAD = 500 pF
40
Degrees
SR
Slew rate
3
V/μs
Settling time (1%)
VSENSE = 10 mVPP to 100 mVPP,
CLOAD = 5 pF
35
μs
Noise, RTI
Voltage noise density (2)
70
nV/
Hz
Power supply
IQ
Quiescent current
VOUT = 2 V, no load
450
620
μA
Note:
(1) Total output error includes effects of gain error, VOS and non-linearity error.
(2) Guaranteed by design.
(3) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com