Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2213CS8 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2213CS8
Description  Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2213CS8 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2213CS8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2213CS8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DIO2213, Version 1.0, Jan 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
3
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Standard
Value
Unit
Human-body model
ANSI/ESDA/JEDEC JS-001
±
2000
V
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal
resistance is, the lower the heat loss. Accumulation of heat energy degrades the performance of
semiconductor components.
Symbol
Parameter
Value
Unit
SOIC-8
DFN2*2-6
RθJA
Junction-to-ambient thermal resistance
130
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50
TBD
°C/W
6. Electrical Characteristics
The values are obtained under these conditions unless otherwise specified: The values are obtained under
these conditions unless otherwise specified: TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input
VSENSE
Sense input voltage
in full-scale
VSENSE = VIN+ – VIN–
0.15
(VS-0.25)/G
V
VCM
Common-mode input range
TA = -40°C to 125°C
-0.1
75
V
CMR
Common-mode rejection
VIN+ = 0 to 80 V
80
100
dB
VOS
Offset voltage, RTI
TA = 25°C
±20
±50
μV
TA = -40°C to 125°C
±100
μV
dVOS/dT
Offset voltage, RTI, versus
temperature
TA = -40°C to 125°C
0.3
μV/°C
PSR
Offset voltage, RTI, versus
power supply
VOUT = 2 V, VIN+ = 18 V, 2.7 V,
TA = -40°C to 125°C
±20
μV/V
IB
Input bias current, VIN– pin
TA = -40°C to 125°C
±220
μA
Output (VSENSE ≥ 20 mV)
G
Gain
50
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com