Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032D Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58MR032D
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58MR032D Datasheet HTML 3Page - STMicroelectronics M58MR032D Datasheet HTML 4Page - STMicroelectronics M58MR032D Datasheet HTML 5Page - STMicroelectronics M58MR032D Datasheet HTML 6Page - STMicroelectronics M58MR032D Datasheet HTML 7Page - STMicroelectronics M58MR032D Datasheet HTML 8Page - STMicroelectronics M58MR032D Datasheet HTML 9Page - STMicroelectronics M58MR032D Datasheet HTML 10Page - STMicroelectronics M58MR032D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7/52
M58MR032C, M58MR032D
Table 4. User Bus Operations (1)
Note: 1. X = Don’t care.
Table 5. Read Electronic Signature (AS and Read CFI instructions) (1)
Note: 1. Addresses are latched on the rising edge of L input.
2. EA means Electronic Signature Address (see Read Electronic Signature)
3. Value during address latch.
Table 6. Read Block Protection (AS and Read CFI instructions) (1)
Note: 1. Addresses are latched on the rising edge of L input.
2. A locked block can be unprotected only with WP at VIH.
3. Value during address latch.
4. BA means Block Address. First cycle command address should indicate the bank of the block address.
Operation
E
G
W
L
RP
WP
ADQ15-ADQ0
Address Latch
VIL
VIH
VIH
VIL
(rising edge)
VIH
VIH
Address Input
Write
VIL
VIH
VIL
VIH
VIH
VIH
Data Input
Output Disable
VIL
VIH
VIH
VIH
VIH
VIH
Hi-Z
Standby
VIH
XX
X
VIH
X
Hi-Z
Reset / Power-down
X
X
X
X
VIL
X
Hi-Z
Block Locking
VIL
XX
X
VIH
VIL
X
Code
Device
E
G
W
ADQ1 (3)
ADQ0 (3)
Other
Address (2)
ADQ15-0
Manufacturer Code
VIL
VIL
VIH
VIL
VIL
EA (2)
0020h
Device Code
M58MR032C
VIL
VIL
VIH
VIL
VIH
EA (2)
88DAh
M58MR032D
VIL
VIL
VIH
VIL
VIH
EA (2)
88DBh
Block Status
E
G
W
ADQ1 (3)
ADQ0 (3)
Other
Address
ADQ15-0
Protected and unlocked
VIL
VIL
VIH
VIH
VIL
BA (4)
0001
Unprotected and unlocked
VIL
VIL
VIH
VIH
VIL
BA (4)
0000
Protected and locked
VIL
VIL
VIH
VIH
VIL
BA (4)
0003
Unprotected and locked (2)
VIL
VIL
VIH
VIH
VIL
BA (4)
0002
DEVICE OPERATIONS
The following operations can be performed using
the appropriate bus cycles: Address Latch, Read
Array (Random, and Page Modes), Write com-
mand, Output Disable, Standby, reset/Power-
down and Block Locking. See Table 4.
Address Latch. In asynchronous operation, the
address is latched on the rising edge of L input. In
burst mode the address is latched either on the ris-
ing edge of L or on the first rising/falling edge of K
(depending on configuration settings) when L is
low.
Read. Read operations are used to output the
contents of the Memory Array, the Electronic Sig-
nature, the Status Register, the CFI, the Block
Protection Status, the Read Configuration Regis-
ter status and the Protection Register.
Read operation of the Memory Array may be per-
formed in asynchronous page mode or synchro-
nous burst mode. In asynchronous page mode
data is internally read and stored in a page buffer.
The page has a size of 4 words and is addressed
by ADQ0 and ADQ1 address inputs.
According to the device configuration the following
Read operations: Electronic Signature - Status
Register - CFI - Block Protection Status - Read
Configuration Register Status - Protection Regis-
ter must be accessed as asynchronous read or as
single synchronous read (see Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com