Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032D Datasheet(PDF) 49 Page - STMicroelectronics

Part # M58MR032D
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032D Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M58MR032D Datasheet HTML 44Page - STMicroelectronics M58MR032D Datasheet HTML 45Page - STMicroelectronics M58MR032D Datasheet HTML 46Page - STMicroelectronics M58MR032D Datasheet HTML 47Page - STMicroelectronics M58MR032D Datasheet HTML 48Page - STMicroelectronics M58MR032D Datasheet HTML 49Page - STMicroelectronics M58MR032D Datasheet HTML 50Page - STMicroelectronics M58MR032D Datasheet HTML 51Page - STMicroelectronics M58MR032D Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49/52
M58MR032C, M58MR032D
Table 37. Document Revision History
Date
Version
Revision Details
November 2000
-01
First Issue
12/20/00
-02
Protection/Security clarification
FBGA Connections change (Figure 2)
Memory Map diagram clarification (Figure 3)
Single Synchronous Read clarification (Figure 4)
Identifier Codes clarification (Table 9)
X-Latency configuration clarification
CFI Query Identification String change (Table 18)
Synchronous Burst Read Waveforms change (Figure 12)
Reset AC Characteristics clarification (Table 31)
Program Time clarification (Table 32)
TFBGA Package Mechanical and Outline drawing change (Table 27, Figure 21)
1/08/01
-03
Reset AC Characteristics clarification (Table 31)
Reset AC Waveforms diagram change (Figure 15)
3/02/01
-04
Document type: from Target Specification to Product Preview
Write AC Waveforms W Contr. change (Figure 13)
Reset and Power-up AC Characteristics and Waveform change (Table 31, Figure 15)
TFBGA Package Mechanical Data change (Table 38)
3/19/01
-05
TFBGA Package Mechanical Data change
Reset and Power-up AC Characteristics clarification
01-Aug-2002
5.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot.
(revision version 05 becomes 5.0).
Supply voltage ranges VDD and VDDQ modified, Burst mode Read frequency
modified. Maximum operating frequency modified in Table 22, Burst Read
Information. Parameters tK, tKQV, tKAX and tLHAX modified in Table 28, Synchronous
Burst Read AC Characteristics.
Document status changed from Product Preview to Preliminary Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com