Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032D Datasheet(PDF) 12 Page - STMicroelectronics

Part # M58MR032D
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M58MR032D Datasheet HTML 8Page - STMicroelectronics M58MR032D Datasheet HTML 9Page - STMicroelectronics M58MR032D Datasheet HTML 10Page - STMicroelectronics M58MR032D Datasheet HTML 11Page - STMicroelectronics M58MR032D Datasheet HTML 12Page - STMicroelectronics M58MR032D Datasheet HTML 13Page - STMicroelectronics M58MR032D Datasheet HTML 14Page - STMicroelectronics M58MR032D Datasheet HTML 15Page - STMicroelectronics M58MR032D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
M58MR032C, M58MR032D
12/52
Table 11. Instructions
Instruction
Cyc.
Operation
Address
(1,2)
Data (3)
Operation
Address
(1,2)
Data (3)
RD
Read
Memory
Array
1+
Write
BKA
FFh
Read (1)
Read
Address
Data
RSR
Read Status
Register
1+
Write
BKA
70h
Read (1)
BKA
Status
Register
RSIG
Read
Electronic
Signature
1+
Write
EA
90h
Read (1)
EA
ED
RCFI
Read CFI
1+
Write
CA
98h
Read (1)
CA
CD
CLRS (5)
Clear Status
Register
1
Write
BKA
50h
EE
Block Erase
2
Write
BA
20h
Write
BA
D0h
BE
Bank Erase
2
Write
BKA
80h
Write
BKA
D0h
PG
Program
2
Write
WA
40h or 10h
Write
WA
WD
DPG
Double Word
Program
3
Write
WA1
30h
Write
WA1
WD1
Write
WA2
WD2
TPG
Tetra Word
Program
5
Write
WA1
55h
Write
WA1
WD1
Write
WA2
WD2
Write
WA3
WD3
Write
WA4
WD4
PES
Program
Erase
Suspend
1
Write
BKA
B0h
PER
Program
Erase
Resume
1
Write
BKA
D0h
BP
Block Protect
2
Write
BA
60h
Write
BA
01h
BU
Block
Unprotect
2
Write
BA
60h
Write
BA
D0h
BL
Block Lock
2
Write
BA
60h
Write
BA
2Fh
PRP
Protection
Register
Program
2
Write
PA
C0h
Write
PA
PD
LPRP
Lock
Protection
Register
Program
2
Write
LPA
C0h
Write
LPA
LPD
CR
Write Read
Configuration
Register
2
Write
RCA
60h
Write
RCA
03h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com