Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032CZC Datasheet(PDF) 15 Page - STMicroelectronics

Part # M58MR032CZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032CZC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M58MR032CZC Datasheet HTML 11Page - STMicroelectronics M58MR032CZC Datasheet HTML 12Page - STMicroelectronics M58MR032CZC Datasheet HTML 13Page - STMicroelectronics M58MR032CZC Datasheet HTML 14Page - STMicroelectronics M58MR032CZC Datasheet HTML 15Page - STMicroelectronics M58MR032CZC Datasheet HTML 16Page - STMicroelectronics M58MR032CZC Datasheet HTML 17Page - STMicroelectronics M58MR032CZC Datasheet HTML 18Page - STMicroelectronics M58MR032CZC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
15/52
M58MR032C, M58MR032D
Table 13. Protection States (1)
Note: 1. All blocks are protected at power-up, so the default configuration is 001 or 101 according to WP status.
2. Current state and Next state gives the protection status of a block. The protection status is defined by the write protect in and by
DQ1 (= 1 for a locked block) and DQ0 (= 1 for a protected block) as read in the Read Electronic Signature instruction with A1 = VIH
and A0 = VIL.
3. Next state is the protection status of a block after a Protect or Unprotect or Lock command has been issued or after WP has changed
its logic value.
4. A WP transition to VIH on a locked block will restore the previous DQ0 value, giving a 111 or 110.
Current State (2)
(WP, DQ1, DQ0)
Program/Erase
Allowed
Next State After Event (3)
Protect
Unprotect
Lock
WP transition
100
Yes
101
100
111
000
101
No
101
100
111
001
110
Yes
111
110
111
011
111
No
111
110
111
011
000
Yes
001
000
011
100
001
No
001
000
011
101
011
No
011
011
011
111 or 110 (4)
Figure 5. Security Block Memory Map
AI90023
Parameter Block # 0
User Programmable OTP
Unique device number
Protection Register Lock
2
1
0
88h
85h
84h
81h
80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com