Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032CZC Datasheet(PDF) 48 Page - STMicroelectronics

Part # M58MR032CZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032CZC Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M58MR032CZC Datasheet HTML 44Page - STMicroelectronics M58MR032CZC Datasheet HTML 45Page - STMicroelectronics M58MR032CZC Datasheet HTML 46Page - STMicroelectronics M58MR032CZC Datasheet HTML 47Page - STMicroelectronics M58MR032CZC Datasheet HTML 48Page - STMicroelectronics M58MR032CZC Datasheet HTML 49Page - STMicroelectronics M58MR032CZC Datasheet HTML 50Page - STMicroelectronics M58MR032CZC Datasheet HTML 51Page - STMicroelectronics M58MR032CZC Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
M58MR032C, M58MR032D
48/52
Table 35. Ordering Information Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
Table 36. Daisy Chain Ordering Scheme
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M58MR032C
100 ZC
6
T
Device Type
M58
Architecture
M = Multiplexed Address/Data, Dual Bank, Burst Mode
Operating Voltage
R = 1.8V
Device Function
032C = 32 Mbit (x16), Dual Bank: 1/4-3/4 partitioning, Top Boot
032D = 32 Mbit (x16), Dual Bank: 1/4-3/4 partitioning, Bottom Boot
Speed
100 = 100 ns
120 = 120 ns
Package
ZC = TFBGA48: 0.5 mm pitch
Temperature Range
6 = –40 to 85°C
Option
T = Tape & Reel packing
Example:
M58MR032
-ZC T
Device Type
M58MR032
Daisy Chain
-ZC = TFBGA48: 0.5 mm pitch
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com