Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032CZC Datasheet(PDF) 50 Page - STMicroelectronics

Part # M58MR032CZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032CZC Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M58MR032CZC Datasheet HTML 44Page - STMicroelectronics M58MR032CZC Datasheet HTML 45Page - STMicroelectronics M58MR032CZC Datasheet HTML 46Page - STMicroelectronics M58MR032CZC Datasheet HTML 47Page - STMicroelectronics M58MR032CZC Datasheet HTML 48Page - STMicroelectronics M58MR032CZC Datasheet HTML 49Page - STMicroelectronics M58MR032CZC Datasheet HTML 50Page - STMicroelectronics M58MR032CZC Datasheet HTML 51Page - STMicroelectronics M58MR032CZC Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
M58MR032C, M58MR032D
50/52
Table 38. TFBGA48 - 10 x 4 ball array, 0.5 mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.950
1.200
0.0374
0.0472
A1
0.200
0.300
0.0079
0.0118
A2
0.790
0.0311
b
0.300
0.250
0.350
0.0118
0.0098
0.0138
D
10.530
10.480
10.580
0.4146
0.4126
0.4165
D1
4.500
–
–
0.1772
–
–
D2
6.500
–
–
0.2559
–
–
D3
8.500
–
–
0.3346
–
–
ddd
0.080
0.0031
E
6.290
6.240
6.340
0.2476
0.2457
0.2496
E1
1.500
–
–
0.0591
–
–
E2
3.500
–
–
0.1378
–
–
E3
5.500
–
–
0.2165
–
–
e
0.500
–
–
0.0197
–
–
FD
3.015
–
–
0.1187
–
–
FD1
2.015
–
–
0.0793
–
–
FD2
1.015
–
–
0.0400
–
–
FE
2.395
–
–
0.0943
–
–
FE1
1.395
–
–
0.0549
–
–
FE2
0.395
–
–
0.0156
–
–
SD
0.250
–
–
0.0098
–
–
SE
0.250
–
–
0.0098
–
–
Figure 21. TFBGA48 - 10 x 4 ball array, 0.5 mm pitch, Bottom View Package Outline
Drawing is not to scale.
A2
A1
BGA-Z17
DUMMY BALLS
D
D1
e
FD2
FD1
b
E
E1
ddd
E3
D3
SD
SE
FE
A
BALL "A1"
E2
D2
FD
FE1 FE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com