Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064ET Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58WR064ET
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064ET Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58WR064ET Datasheet HTML 22Page - STMicroelectronics M58WR064ET Datasheet HTML 23Page - STMicroelectronics M58WR064ET Datasheet HTML 24Page - STMicroelectronics M58WR064ET Datasheet HTML 25Page - STMicroelectronics M58WR064ET Datasheet HTML 26Page - STMicroelectronics M58WR064ET Datasheet HTML 27Page - STMicroelectronics M58WR064ET Datasheet HTML 28Page - STMicroelectronics M58WR064ET Datasheet HTML 29Page - STMicroelectronics M58WR064ET Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
M58WR064ET, M58WR064EB
26/82
(no wrap). The Wrap Burst bit is used to select be-
tween wrap and no wrap. When the Wrap Burst bit
is set to ‘0’ the burst read wraps; when it is set to
‘1’ the burst read does not wrap.
Burst length Bits (CR2-CR0)
The Burst Length bits set the number of Words to
be output during a Synchronous Burst Read oper-
ation as result of a single address latch cycle.
They can be set for 4 words, 8 words or continu-
ous burst, where all the words are read sequential-
ly.
In continuous burst mode the burst sequence can
cross bank boundaries.
In continuous burst mode or in 4, 8 words no-wrap,
depending on the starting address, the device as-
serts the WAIT output to indicate that a delay is
necessary before the data is output.
If the starting address is aligned to a 4 word
boundary no wait states are needed and the WAIT
output is not asserted.
If the starting address is shifted by 1,2 or 3 posi-
tions from the four word boundary, WAIT will be
asserted for 1, 2 or 3 clock cycles when the burst
sequence crosses the first 64 word boundary, to
indicate that the device needs an internal delay to
read the successive words in the array. WAIT will
be asserted only once during a continuous burst
access. See also Table 10, Burst Type Definition.
CR14, CR5 and CR4 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com