Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064ET Datasheet(PDF) 36 Page - STMicroelectronics

Part # M58WR064ET
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064ET Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M58WR064ET Datasheet HTML 32Page - STMicroelectronics M58WR064ET Datasheet HTML 33Page - STMicroelectronics M58WR064ET Datasheet HTML 34Page - STMicroelectronics M58WR064ET Datasheet HTML 35Page - STMicroelectronics M58WR064ET Datasheet HTML 36Page - STMicroelectronics M58WR064ET Datasheet HTML 37Page - STMicroelectronics M58WR064ET Datasheet HTML 38Page - STMicroelectronics M58WR064ET Datasheet HTML 39Page - STMicroelectronics M58WR064ET Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
M58WR064ET, M58WR064EB
36/82
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 16, Operating
and AC Measurement Conditions. Designers
should check that the operating conditions in their
circuit match the operating conditions when rely-
ing on the quoted parameters.
Table 16. Operating and AC Measurement Conditions
Figure 8. AC Measurement I/O Waveform
Figure 9. AC Measurement Load Circuit
Table 17. Capacitance
Note: Sampled only, not 100% tested.
M58WR064ET, M58WR064EB
Parameter
70
80
100
Units
Min
Max
Min
Max
Min
Max
VDD Supply Voltage
1.7
2.2
1.65
2.2
1.65
2.2
V
VDDQ Supply Voltage
1.7
3.3
1.65
3.3
1.65
3.3
V
VPP Supply Voltage (Factory environment)
11.4
12.6
11.4
12.6
11.4
12.6
V
VPP Supply Voltage (Application environment)
-0.4
VDDQ
+0.4
-0.4
VDDQ
+0.4
-0.4
VDDQ
+0.4
V
Ambient Operating Temperature
– 40
85
– 40
85
– 40
85
°C
Load Capacitance (CL)
30
30
30
pF
Input Rise and Fall Times
5
5
5
ns
Input Pulse Voltages
0 to VDDQ
0 to VDDQ
0 to VDDQ
V
Input and Output Timing Ref. Voltages
VDDQ/2
VDDQ/2
VDDQ/2
V
AI06161
VDDQ
0V
VDDQ/2
AI06162
VDDQ
CL
CL includes JIG capacitance
16.7k
Ω
DEVICE
UNDER
TEST
0.1µF
VDD
0.1µF
VDDQ
16.7k
Ω
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
68
pF
COUT
Output Capacitance
VOUT = 0V
812
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com