Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ2QLP Datasheet(PDF) 6 Page - Clarke International

Part # CTJ2QLP
Description  2 TONNE GARAGE JACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ2QLP Datasheet(HTML) 6 Page - Clarke International

Back Button CTJ2QLP Datasheet HTML 2Page - Clarke International CTJ2QLP Datasheet HTML 3Page - Clarke International CTJ2QLP Datasheet HTML 4Page - Clarke International CTJ2QLP Datasheet HTML 5Page - Clarke International CTJ2QLP Datasheet HTML 6Page - Clarke International CTJ2QLP Datasheet HTML 7Page - Clarke International CTJ2QLP Datasheet HTML 8Page - Clarke International CTJ2QLP Datasheet HTML 9Page - Clarke International CTJ2QLP Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
MAINTENANCE
PURGING AIR FROM THE SYSTEM
If air bubbles become trapped inside
the hydraulic system, the efficiency
of the jack will be reduced. If the air
cannot be dispersed just by pumping
the handle with the valve open, it
can be purged from the system as
follows.
1. Turn the control valve counter-
clockwise, relieving the pressure
within the jack, then remove the
cover plate & oil filler plug.
• A broad-bladed screwdriver is required for the plug.
2. Pump the handle several times to purge air from the system.
3. Replace the oil filler plug, then turn the control valve clockwise and test the
jack. If efficiency is still low, check the oil level as below.
CHECKING /MAINTAINING THE OIL LEVEL
If the jack has been stored for long periods, check for oil leaks before use. If
necessary, check the oil level as follows:
1. Ensure the jack is fully lowered by turning the control valve anticlockwise.
2. Remove the cover plate and the oil filler plug.
• The oil should be almost level with the bottom of the oil filler hole.
• il can be topped up using Clarke Hydraulic Oil (p/no 3050830 for 1
litre).
3. Purge any air from the system and replace the oil filler plug.
4. Dispose of any old/spilled oil appropriately and wipe up any spillage.
GENERAL CARE
1. Periodically lubricate the hinges, front wheels & rear castors with light oil.
Should the arm become stiff, apply a shot of grease to the grease nipple
on the top of the lifting arm as shown above.
2. Store in a dry location.
3. In the event of damage or broken components, replacements are
available from Clarke Parts & Service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com