Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ2QLP Datasheet(PDF) 12 Page - Clarke International

Part # CTJ2QLP
Description  2 TONNE GARAGE JACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ2QLP Datasheet(HTML) 12 Page - Clarke International

Back Button CTJ2QLP Datasheet HTML 8Page - Clarke International CTJ2QLP Datasheet HTML 9Page - Clarke International CTJ2QLP Datasheet HTML 10Page - Clarke International CTJ2QLP Datasheet HTML 11Page - Clarke International CTJ2QLP Datasheet HTML 12Page - Clarke International CTJ2QLP Datasheet HTML 13Page - Clarke International CTJ2QLP Datasheet HTML 14Page - Clarke International CTJ2QLP Datasheet HTML 15Page - Clarke International CTJ2QLP Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
COMPONENT PARTS-GENERAL ASSEMBLY
No
Description
No
Description
1
Circlip 20mm
18
Upper handle
2
Washer 12mm
19
Lower handle
3
Front wheel
20
Screw M6 x 35
4Chassis frame
21
U-joint
5
Nut M16
22
Hydraulic unit
6
Washer M16
23
Return spring
7
Screw M5x12
24
Circlip 22mm
8
Rear castor assembly
25
Connecting block
9
Screw M10x 12
26
Split pin A4 x 55
10
Washer M10
27
Circlip 25mm
11
Yoke bolt
28
Lifting arm shaft
12
Washer M18
29
Cover plate
13
Circlip 12mm
30
Lifting arm
14
Yoke roller
31
Saddle
15
Handle yoke
32
Saddle screw
16
Yoke roller pin
33
Rubber pad
17
Handle set screw
34
Handle grip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com