Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ2QLP Datasheet(PDF) 14 Page - Clarke International

Part # CTJ2QLP
Description  2 TONNE GARAGE JACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ2QLP Datasheet(HTML) 14 Page - Clarke International

Back Button CTJ2QLP Datasheet HTML 8Page - Clarke International CTJ2QLP Datasheet HTML 9Page - Clarke International CTJ2QLP Datasheet HTML 10Page - Clarke International CTJ2QLP Datasheet HTML 11Page - Clarke International CTJ2QLP Datasheet HTML 12Page - Clarke International CTJ2QLP Datasheet HTML 13Page - Clarke International CTJ2QLP Datasheet HTML 14Page - Clarke International CTJ2QLP Datasheet HTML 15Page - Clarke International CTJ2QLP Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
COMPONENT PARTS - HYDRAULIC PARTS
• Items marked # are components of the Repair Seal Kit.
No
Description
No
Description
1
Sealing ring
22
High pressure piston housing
2
Reservoir
23
O-ring 10 x 2.65 #
3
Sealing ring
24
Retaining ring 15 x 10.6 x 1.25
4
O-ring 29x3.55 #
25
High pressure piston
5
Top nut
26
Spring
6Ram
27
Dust cover
7
Circlip 30mm
28
Spring base
8
Ram base
29
Retaining ring 15mm
9
Washer
30
Universal joint
10
O-ring 24.6 x 5.1 #
31
Steel ball 6mm
11
Cylinder
32
Slow release valve seat
12
Copper sealing ring
33
Copper sealing ring
13
Body casting
34
Low pressure piston housing
14
Steel ball 4mm
35
O-rings 17X2.65 #
15
Valve base
36
Low pressure piston
16
Spring
37
Return spring
17
Safety valve screw
38
Dust cover
18
O-ring 7.1 x 1.8
39
Spring base
19
Safety valve end screw
40
Retaining ring 22mm
20
Steel ball 5mm
41
Slow release pin
21
Copper sealing ring
42
Slow release pin spring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com