Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC802 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC802
Description  Ultra-low power High-performance Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC802 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC802 Datasheet HTML 1Page - Renesas Technology Corp UPC802 Datasheet HTML 2Page - Renesas Technology Corp UPC802 Datasheet HTML 3Page - Renesas Technology Corp UPC802 Datasheet HTML 4Page - Renesas Technology Corp UPC802 Datasheet HTML 5Page - Renesas Technology Corp UPC802 Datasheet HTML 6Page - Renesas Technology Corp UPC802 Datasheet HTML 7Page - Renesas Technology Corp UPC802 Datasheet HTML 8Page - Renesas Technology Corp UPC802 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UPC802
R03DS0096EJ0100 Rev.1.00
Page 3 of 8
Mar.14.25
ELECTRICAL CHARACTERISTICS (TA = 25 °C, V ± = ±15 V)
Parameter
Symbol
ISET = 1µA
ISET = 10µA
Unit
Test Condition
MIN.
MAX.
MIN.
MAX.
Input Offset Voltage
VIO
±5
±6
mV
RS ≤ 100 kΩ
±5
±6
V± = ±1.5V, RS ≤ 100 kΩ
Input Offset Current
IIO
±6
±20
nA
Input Bias Current Note6
IB
10
75
nA
10
75
V± = ±1.5V
Large Signal Voltage
Gain
AV
60000
VO = ±10 V, RL = 100 kΩ
Large Signal Voltage
Gain
AV
60000
VO = ±10 V, RL = 10 kΩ
Supply Current
ICC
11
100
μA
8
90
V± = ±1.5V
Power Consumption
Pd
330
3000
μW
24
270
V± = ±1.5V
Common Mode Rejection
Ratio
CMR
70
70
dB
RS ≤ 10 kΩ
Supply Voltage Rejection
Ratio
SVR
74
74
dB
RS ≤ 10 kΩ
Output Voltage Swing
Vom
±12
V
RL = 100 kΩ
±0.6
V± = ±1.5V, RL = 100 kΩ
Output Voltage Swing
Vom
±12
V
RL = 10 kΩ
±0.6
V± = ±1.5V, RL = 10 kΩ
Common Model Input
Voltage Range
VICM
±13.5
±13.5
V
±0.6
±0.6
V± = ±1.5V
【
Note】6. The direction of the input bias current is the same direction that flows out from the IC because the first stage
is composed of PNP transistor.
Examples of Applied Circuits
x10 Amplifier



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com