Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC802 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC802
Description  Ultra-low power High-performance Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC802 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC802 Datasheet HTML 1Page - Renesas Technology Corp UPC802 Datasheet HTML 2Page - Renesas Technology Corp UPC802 Datasheet HTML 3Page - Renesas Technology Corp UPC802 Datasheet HTML 4Page - Renesas Technology Corp UPC802 Datasheet HTML 5Page - Renesas Technology Corp UPC802 Datasheet HTML 6Page - Renesas Technology Corp UPC802 Datasheet HTML 7Page - Renesas Technology Corp UPC802 Datasheet HTML 8Page - Renesas Technology Corp UPC802 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UPC802
R03DS0096EJ0100 Rev.1.00
Page 4 of 8
Mar.14.25
ELECTRICAL CHARACTERISTICS CURVE (TA = 25 °C, TYP.)
0
100
200
300
400
500
600
0
20
40
60
80
100
Operating Ambient Temperature, TA [°C]
PT vs. TA (Absolute maximum rating)
UPC802G2
0.1
1
10
100
1000
0.1
1
10
100
Set Current, ISET [μA]
IB vs. ISET
V ± = ±1.5 V
V ± = ±15 V
-10
0
10
20
30
40
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
IB vs. TA
V ± = ±1.5 V
V ± = ±15 V
V ± = ±1.5 V
V ± = ±15 V
ISET = 10 μA
ISET = 1 μA
-15
-10
-5
0
5
10
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
IIO vs. TA
1 μA ≤ ISET ≤ 10 μA
±
1.5 V ≤ V ± ≤ ±15 V
-12
-8
-4
0
4
0.1
1
10
100
Set Current, ISET [μA]
VIO vs. ISET (unnull)
±
1.5 V ≤ V ± ≤ ±15 V
-2.8
-2.4
-2
-1.6
-1.2
-0.8
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
VIO vs. TA (unnull)
ISET = 10 μA
V ± = ±15 V
V ± = ±1.5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com