Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC802 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC802
Description  Ultra-low power High-performance Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC802 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC802 Datasheet HTML 1Page - Renesas Technology Corp UPC802 Datasheet HTML 2Page - Renesas Technology Corp UPC802 Datasheet HTML 3Page - Renesas Technology Corp UPC802 Datasheet HTML 4Page - Renesas Technology Corp UPC802 Datasheet HTML 5Page - Renesas Technology Corp UPC802 Datasheet HTML 6Page - Renesas Technology Corp UPC802 Datasheet HTML 7Page - Renesas Technology Corp UPC802 Datasheet HTML 8Page - Renesas Technology Corp UPC802 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R03DS0096EJ0100 Rev.1.00
Page 1 of 8
Mar.14.25
Datasheet
UPC802
Ultra-low power High-performance Operational Amplifiers
DESCRIPTION
UPC802 is an operational amplifier circuit with an extremely low power consumption of 14μW. This operational
amplifier has a wide power supply voltage range (± 1V to ± 16V), and various electrical characteristics such
as input bias current that can be programmed using the set current value. This device is ideal for high-precision
analog circuits in battery-operated portable electronic devices.
FEATURES
• Input Offset Voltage
±1mV (TYP.)
• Input Offset Current
±3nA (TYP.)
• Input Bias Current
20nA (ISET = 10μA, TYP.)
3nA (ISET = 1μA, TYP.)
• Power Dissipation
14μW (ISET = 1μA, V±= ±1.5V) (TYP.)
• Low supply voltage operation
±1 V
• Electrical characteristics can be changed by changing the set current
• Built-In Phase Compensation Circuit
• Equipped with an offset adjustment terminal
• Built-In Output Short Circuit Protection
ORDERING INFORMATION
Order Name (1)
Package
UPC802G2-AP
8-pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
EQUIVALENT CIRCUIT
PIN CONFIGURATION (Top View)
UPC802G2


Similar Part No. - UPC802

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPC8026 UTC-UPC8026 Datasheet
154Kb / 4P
30V, 13A N-CHANNEL POWER MOSFET
UPC8026G-S08-R UTC-UPC8026G-S08-R Datasheet
154Kb / 4P
30V, 13A N-CHANNEL POWER MOSFET
UPC8026L-S08-R UTC-UPC8026L-S08-R Datasheet
154Kb / 4P
30V, 13A N-CHANNEL POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UPC8026L-S08-R DOINGTER-UPC8026L-S08-R Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UPC802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2361 TI-TLV2361 Datasheet
274Kb / 17P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
LM107 TI-LM107 Datasheet
54Kb / 4P
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
LP358 TI-LP358 Datasheet
144Kb / 6P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI-TLV2361_03 Datasheet
489Kb / 17P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
LP324_101 TI-LP324_101 Datasheet
411Kb / 12P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
TLV2361 TI1-TLV2361_16 Datasheet
1Mb / 23P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Rohm
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
Ultra Low Power CMOS Operational Amplifiers
logo
Unisonic Technologies
ULV2362 UTC-ULV2362 Datasheet
130Kb / 5P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com