Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R24F Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-R24F
Description  2 A DC-DC converter modules
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R24F Datasheet(HTML) 1 Page - STMicroelectronics

  GS-R24F_08 Datasheet HTML 1Page - STMicroelectronics GS-R24F_08 Datasheet HTML 2Page - STMicroelectronics GS-R24F_08 Datasheet HTML 3Page - STMicroelectronics GS-R24F_08 Datasheet HTML 4Page - STMicroelectronics GS-R24F_08 Datasheet HTML 5Page - STMicroelectronics GS-R24F_08 Datasheet HTML 6Page - STMicroelectronics GS-R24F_08 Datasheet HTML 7Page - STMicroelectronics GS-R24F_08 Datasheet HTML 8Page - STMicroelectronics GS-R24F_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 2008
Rev 2
1/13
13
GS-R24F
2 A DC-DC converter modules
Features
MTBF 1 000 000 hours (TA = 25°C)
2 A max output current
35 V max input voltage
1.5 V max drop-out voltage
Remote logic inhibit/enable
Synchronization
Not-latching overload and short circuit
protection
Thermal shutdown
Fixed or adjustable output
No heatsink required
Operating temperature range -25 °C ÷ 85 °C
Description
The GS-R24F series is a family of high efficiency
step down switching voltage regulator, designed
to replace linear regulators.
Based on ST L5973 device, these non isolated
regulators are suitable for various applications,
including telecom, industry, computer and
distributed power supply system having a wide
range input voltage.
www.st.com
Table 1.
Device summary
Order codes
Output voltage
[V]
Input voltage
[V]
Output ripple
[mVpp]
Efficiency
[%]
Notes
GS-R24F0182.0
1.8 ± 4%
16 ÷ 35
25
72
Fixed output voltage
GS-R24F0252.0
2.5 ± 4%
16 ÷ 35
25
76
Fixed output voltage
GS-R24F0332.0
3.3 ± 4%
16 ÷ 35
25
82
Fixed output voltage
GS-R24F0502.0
5.0 ± 4%
16 ÷ 35
25
85
Fixed output voltage
GS-R24F0002.0
1.235 ÷
5.5
16 ÷ 35
25
68 ÷ 85
Progr. output voltage
GS-R24F1201.5
12 ± 4%
16 ÷ 35
100
91
Fixed output voltage
GS-R24F0001.0
3.3 ÷ 24
16 ÷ 35
100 ÷ 250
78 ÷ 96
Progr. output voltage


Similar Part No. - GS-R24F_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R24F0001.0 STMICROELECTRONICS-GS-R24F0001.0 Datasheet
203Kb / 12P
2A DC/DC converter modules
13-Oct-2006
GS-R24F0001.5 STMICROELECTRONICS-GS-R24F0001.5 Datasheet
203Kb / 12P
2A DC/DC converter modules
13-Oct-2006
GS-R24F0002.0 STMICROELECTRONICS-GS-R24F0002.0 Datasheet
203Kb / 12P
2A DC/DC converter modules
13-Oct-2006
More results

Similar Description - GS-R24F_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
DC-to-DC Converter Modules
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
2A DC/DC converter modules
13-Oct-2006
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
1.9 A DC-DC converter modules
27-Feb-2008
GS-R24FP STMICROELECTRONICS-GS-R24FP Datasheet
454Kb / 15P
1.8 A DC-DC converter modules
27-Feb-2008
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
DC-DC Converter Power Modules
logo
Sanken electric
MPM80 SANKEN-MPM80 Datasheet
381Kb / 15P
2 A Non-Isolated Step-Down DC / DC Converter Modules
MPM81 SANKEN-MPM81 Datasheet
381Kb / 15P
2 A Non-Isolated Step-Down DC / DC Converter Modules
MPM82 SANKEN-MPM82 Datasheet
381Kb / 15P
2 A Non-Isolated Step-Down DC / DC Converter Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com