Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7112963 Datasheet(PDF) 21 Page - Whirlpool.

Part # 7112963
Description  How to install, operate and maintain your Demand Controlled Water Softener
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

7112963 Datasheet(HTML) 21 Page - Whirlpool.

Back Button 7112963 Datasheet HTML 15Page - Whirlpool. 7112963 Datasheet HTML 16Page - Whirlpool. 7112963 Datasheet HTML 17Page - Whirlpool. 7112963 Datasheet HTML 18Page - Whirlpool. 7112963 Datasheet HTML 19Page - Whirlpool. 7112963 Datasheet HTML 20Page - Whirlpool. 7112963 Datasheet HTML 21Page - Whirlpool. 7112963 Datasheet HTML 22Page - Whirlpool. 7112963 Datasheet HTML 23Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
Softener Parts List
Key
No. Part No.
Description
–
7112963 Distributor O-Ring Kit
(includes Key Nos. 1-3)
1
á
O-Ring, 2-7/8” x 3-1/4”
2
á
O-Ring, 13/16” x 1-1/16”
3
á
O-Ring, 2-3/4” x 3”
4
7077870 Top Distributor
5
7105047 Repl. Bottom Distributor
–
7331177 Tank Neck Clamp Kit
(includes 2 ea. of Key Nos. 6 & 7)
6
á
Clamp Section (2 req.)
7
á
Retainer Clip (2 req.)
8
7161849 Repl. Resin Tank, 9” x 40”
9
0502272 Resin, 1 cu. ft.
10 7310202 Repl. Brine Valve Assembly
11 7327568 Float, Stem & Guide Assembly
12 7275907 Transformer
13 7323491 Repl. Electronic Control Board
(PWA)
14 7267116 Top Cover & Faceplate Assembly,
(order decal below)
¢
7262857 Faceplate Decal
Key
No. Part No.
Description
15 7262661 Salt Hole Cover (order decal below)
¢
7297658 Instruction Decal
16 7296416 Vapor Barrier
17 7262768 Rim
18 7219888 Brinewell Cover
19 7137824 Brinewell
–
7331258 Overflow Hose Adaptor Kit
(includes Key Nos. 20-22)
20
á
Grommet
21
á
Adaptor Elbow
22
á
Hose Clamp
–
7331664 Brinewell Mounting Hardware Kit
(includes Key Nos. 23-25)
23
á
Wing Nut, 1/4-20
24
á
Screw, 1/4-20 x 5/8”
25
á
O-Ring, 1/4” x 1/2”
26 7264883 Repl. Brine Tank
27 7248706 Ground Clamp Kit
28 7214383 Bypass Valve (includes 2 ea. of
Key Nos. 121 & 123)
29 7139999 Drain Hose, 20 ft.
¢
7332937 Owner’s Manual
¢ Not illustrated.
Questions? Call Toll Free 1-866-986-3223 Monday- Friday, 8 AM - 7 PM EST
or visit www.ecodynewatertreatment.com
When you call, please be prepared to provide the model and serial number,
found on the rating decal, typically located on the rim below the salt lid hinges.
To order repair parts call toll free 1-866-986-3223, Monday - Friday, 8 am - 7 pm EST.
Manufactured and warranted by
Ecodyne Water Systems
1890 Woodlane Drive
Woodbury, MN 55125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com