Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7112963 Datasheet(PDF) 4 Page - Whirlpool.

Part # 7112963
Description  How to install, operate and maintain your Demand Controlled Water Softener
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

7112963 Datasheet(HTML) 4 Page - Whirlpool.

  7112963 Datasheet HTML 1Page - Whirlpool. 7112963 Datasheet HTML 2Page - Whirlpool. 7112963 Datasheet HTML 3Page - Whirlpool. 7112963 Datasheet HTML 4Page - Whirlpool. 7112963 Datasheet HTML 5Page - Whirlpool. 7112963 Datasheet HTML 6Page - Whirlpool. 7112963 Datasheet HTML 7Page - Whirlpool. 7112963 Datasheet HTML 8Page - Whirlpool. 7112963 Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
Water Softener Safety
Before You Start
Your safety and the safety of others are very important.
We have provided many safety messages in this manual and on your appliance. Always read and obey all safety
messages.
This is the safety alert symbol.
This symbol alerts you to potential hazards that can kill or hurt you and others.
All safety messages will follow the safety alert symbol and either the word “DANGER” or “WARNING”
These words mean:
You can be killed or seriously injured if you don’t
immediately follow instructions.
You can be killed or seriously injured if you don’t
follow instructions.
All safety messages will tell you what the potential hazard is, tell you how to reduce the chance of injury, and tell
you what can happen if the instructions are not followed.
In the state of Massachusetts: The Commonwealth of Massachusetts plumbing code 248-CMR shall
be adhered to. A licensed plumber shall be used for this installation.
=
The water softener requires a minimum water flow of 3 gallons per minute at the inlet. Maximum allowable inlet
water pressure is 125 psi. If daytime pressure is over 80 psi, nighttime pressure may exceed the maximum. Use
a pressure reducing valve if necessary (Adding a pressure reducing valve may reduce the flow). If your home is
equipped with a back flow preventer, an expansion tank must be installed in accordance with local codes and
laws.
=
The water softener works on 24 volt, 60 Hz electrical power only, supplied by a direct plug-in transformer (includ-
ed). Be sure to use the included transformer and plug it into a nominal 120V, 60 cycle household outlet that is in
a dry location only, grounded and properly protected by an overcurrent device such as a circuit breaker or fuse. If
transformer is replaced, use only UL, CUL or CSA approved Class 2 transformer with the following specifications:
§
Input: 120 VAC, 60 Hz, 13.5 W
§
Output Voltage: 24 VAC
§
Output Current: 400 mA
=
Do not use this system to treat water that is microbiologically unsafe or of unknown quality without adequate dis-
infection upstream or downstream of the system.
European Directive 2002/96/EC requires all electrical and electronic equipment to be disposed of accord-
ing to Waste Electrical and Electronic Equipment (WEEE) requirements. This directive or similar laws are
in place nationally and can vary from region to region. Please refer to your state and local laws for proper
disposal of this equipment.
In the state of California: You must turn the Salt Efficiency Feature setting to ON. This may initiate
more frequent recharges. However, it will operate at 4,000 grains per pound of salt or higher. To turn
on the Salt Efficiency Feature, follow the instructions in the “Salt Efficiency” section of this manual.
Do not return the water softener to store.
If you have any questions, or there are missing parts or damage, please call Toll Free 1-866-986-3223,
Monday - Friday, 8 am - 7 pm EST, or visit www.ecodynewatertreatment.com
When you call, please be prepared to provide the model and serial number, found on the rating decal,
typically located on the rim below the salt lid hinges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com