Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7112963 Datasheet(PDF) 8 Page - Whirlpool.

Part # 7112963
Description  How to install, operate and maintain your Demand Controlled Water Softener
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

7112963 Datasheet(HTML) 8 Page - Whirlpool.

Back Button 7112963 Datasheet HTML 4Page - Whirlpool. 7112963 Datasheet HTML 5Page - Whirlpool. 7112963 Datasheet HTML 6Page - Whirlpool. 7112963 Datasheet HTML 7Page - Whirlpool. 7112963 Datasheet HTML 8Page - Whirlpool. 7112963 Datasheet HTML 9Page - Whirlpool. 7112963 Datasheet HTML 10Page - Whirlpool. 7112963 Datasheet HTML 11Page - Whirlpool. 7112963 Datasheet HTML 12Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
Installation Instructions
TYPICAL INSTALLATION
FIG. 9
NOTE: See “Air Gap Requirements” section.
NOTE: Water Softener shown with Salt Hole
Cover and Top Cover removed
Inlet
Outlet
Clips
Ground
Clamp
Pipe
To Outside
Faucets
1” NPT Sweat
Adaptor (not
included)
O-ring
Single
Bypass Valve
Lubricated
O-ring
Ground
Clamp
Conditioned
Water
Hard Water
Main Water Pipe
Plug-in
Transformer
Water Softener
Valve
To
Controller
Valve Drain
Elbow
Valve Drain
Hose*
*Do not connect the
water softener valve drain
tubing to the salt storage
tank overflow hose.
Floor Drain
Overflow
Drain Elbow
Salt Storage
Tank Overflow
Hose*
Secure Valve Drain Hose
in place over Floor Drain
1” NPT
Threaded
Adaptor
1-1/2”
air gap
Dimensions
FIG. 8
39-1/2”
47-7/8”
3-3/4”
41-1/2”
OUT
IN
18”
19”
IN – OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com